Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2D1/2R Datasheet (PDF) - Mersen

A2D1/2R Datasheet PDF - Mersen
Part # A2D1/2R
Download  A2D1/2R Download
File Size   250.55 Kbytes
Page   2 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description UPGRADE YESTERDAY’S CIRCUITS TO TODAY’S TYPE 2 PROTECTION

A2D1/2R Datasheet (PDF)

Go To PDF Page Download Datasheet
A2D1/2R Datasheet PDF - Mersen

Part # A2D1/2R
Download  A2D1/2R Click to download

File Size   250.55 Kbytes
Page   2 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description UPGRADE YESTERDAY’S CIRCUITS TO TODAY’S TYPE 2 PROTECTION

A2D1/2R Datasheet (HTML) - Mersen


A2D1/2R Product details

FEATURES/BENEFITS :
• Non-indicating or solid state SmartSpot® visual blown fuse indicator
• Time-delay for motor starting and transformer inrush currents
without nuisance opening
• 600VAC & 600VDC dual rated
• 300kA interrupting rating - self-certified, UL witnessed tests
• Extremely current-limiting for low peak let-thru current
• Recommended for Arc Flash energy reduction
• Easy 2-to-1 selectivity for prevention of nuisance shut downs and
“black outs”
• Rejection-style design prevents replacement errors (when used with
recommended fuse blocks)
• High-visibility orange label gives instant brand recognition
• Reduced inventory by taking the place of class RK5, K, and H fuses
• Metal-embossed date and catalog number for easier traceability and
lasting identification
• Fiberglass body provides dimensional stability in harsh industrial
settings




Similar Part No. - A2D1/2R

ManufacturerPart #DatasheetDescription
logo
ebm-papst
A2D200-AA02-01 EBMPAPST-A2D200-AA02-01 Datasheet
459Kb / 10P
AC axial fans
A2D200-AA02-02 EBMPAPST-A2D200-AA02-02 Datasheet
459Kb / 10P
AC axial fans
A2D240-AA02-02 EBMPAPST-A2D240-AA02-02 Datasheet
411Kb / 6P
AC axial fan sickle-shaped blades (S series), single-intake
2016-04-28
A2D250-AA02-01 EBMPAPST-A2D250-AA02-01 Datasheet
459Kb / 10P
AC axial fans
A2D250-AA02-02 EBMPAPST-A2D250-AA02-02 Datasheet
459Kb / 10P
AC axial fans
More results


Similar Description - A2D1/2R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2476 ETC-XE2476 Datasheet
96Kb / 12P
2400 bps Plug-In Upgrade to CH1776
49P11-843 ETC2-49P11-843 Datasheet
732Kb / 1P
UNIVERSAL ELECTRONIC CONTACTOR UPGRADE
logo
ATMEL Corporation
AT89C5131A ATMEL-AT89C5131A_14 Datasheet
334Kb / 34P
Device Firmware Upgrade Class Compliant
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032_15 Datasheet
412Kb / 5P
Industry Wide Pin Compatible 0032 Upgrade
logo
STMicroelectronics
UM0564 STMICROELECTRONICS-UM0564 Datasheet
911Kb / 20P
Device firmware upgrade
10-Jul-2008
UM1083 STMICROELECTRONICS-UM1083 Datasheet
1Mb / 7P
How to upgrade the waveforms on the STEVAL-IME003V1 demonstration board
12-Aug-2011
UM1889 STMICROELECTRONICS-UM1889 Datasheet
437Kb / 8P
This document is a quick user guide explaining how to upgrade
24-Apr-2015
logo
ALPS ELECTRIC CO.,LTD.
SSGM ALPS-SSGM_15 Datasheet
755Kb / 5P
2 to 10 Circuits-designed Type
logo
Schneider Electric
XUSL2E30H166N SCHNEIDER-XUSL2E30H166N Datasheet
196Kb / 7P
XUSL type 2 Hand protection - Std sensing
Jan 7, 2021
logo
Molex Electronics Ltd.
ATS-640162595 MOLEX-ATS-640162595 Datasheet
1Mb / 7P
Safety Guard Upgrade Kit
05-14-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com