Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53-HC Datasheet (PDF) - FCL COMPONENTS LIMITED

FBR53-HC Datasheet PDF - FCL COMPONENTS LIMITED
Part # FBR53-HC
Download  FBR53-HC Download
File Size   858.77 Kbytes
Page   5 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description AUTOMOTIVE RELA 1 POLE –50A

FBR53-HC Datasheet (PDF)

Go To PDF Page Download Datasheet
FBR53-HC Datasheet PDF - FCL COMPONENTS LIMITED

Part # FBR53-HC
Download  FBR53-HC Click to download

File Size   858.77 Kbytes
Page   5 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description AUTOMOTIVE RELA 1 POLE –50A

FBR53-HC Datasheet (HTML) - FCL COMPONENTS LIMITED


FBR53-HC Product details

FEATURES

1 pole 50A, 1U contact ultra compact relay

Maximum inrush current 200A

Maximum carrying current 67.5A (at 20℃, 1 hour)

High temperature grade (-40℃to +125℃)

Low coil powerapprox. 0.64W

This relay is able to replace the Mini ISO relay

Reflow capable (through hole reflow) type available

Plastic sealed

APPLICATIONS
Electric power steering, blower fan motor control, starter




Similar Part No. - FBR53-HC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
FCL COMPONENTS LIMITED
FBR53-HW FCL-FBR53-HW Datasheet
1Mb / 7P
COMPACT HIGH POWER RELAY 1 POLE - 40A
More results


Similar Description - FBR53-HC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
50A AUTOMOTIVE BUTTON DIODE
C50A WTE-C50A_06 Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
ARS50A WTE-ARS50A_06 Datasheet
68Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
logo
TAITRON Components Inco...
AR501 TAITRON-AR501 Datasheet
132Kb / 4P
50A Automotive Rectifiers
ARS501 TAITRON-ARS501 Datasheet
134Kb / 4P
50A Automotive Rectifiers
logo
Won-Top Electronics
C50A WTE-C50A_14 Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS50G DGNJDZ-ARS50G Datasheet
531Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
ARS50 DGNJDZ-ARS50 Datasheet
55Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com