Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V341-A Datasheet (PDF) - Pericom Semiconductor Corporation

PI3V341-A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3V341-A
Download  PI3V341-A Download
File Size   629.26 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch

PI3V341-A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3V341-A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3V341-A
Download  PI3V341-A Click to download

File Size   629.26 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch

PI3V341-A Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - PI3V341-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312L PERICOM-PI3V312L Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312LE PERICOM-PI3V312LE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312Q PERICOM-PI3V312Q Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312QE PERICOM-PI3V312QE Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
More results


Similar Description - PI3V341-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com