Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVGA1 Datasheet (PDF) - Cirrus Logic

AVGA1 Datasheet PDF - Cirrus Logic
Part # AVGA1
Download  AVGA1 Download
File Size   4157.35 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Acumos VGA Video Controller AVGA1

AVGA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVGA1 Datasheet PDF - Cirrus Logic

Part # AVGA1
Download  AVGA1 Click to download

File Size   4157.35 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Acumos VGA Video Controller AVGA1

AVGA1 Datasheet (HTML) - Cirrus Logic


AVGA1 Product details

FEATURES
Ο
Full IBM® VGA compatibility in a 128-pin Plastic Quad Flat Pack (PQFP) package
Built-in VIDEO DAC. The video outputs connect direcily to an IBM® PS/2TM or compatible analog
display. No external color look-up table or display interface support is required.
Built-in CLOCK SYNTHESIZER, generating all timing from the 14 MHz clock supplied by the System
Bus interface. No additional external oscillators are required.
Selectable internally generated memory timing clock of 37.5 MHz for 80ns DRAM or 44.7 MHz for highperformance 70ns DRAMs.
Built-in MONITOR TYPE DETECTION circuit.
Connects directly to the MICRO CHANNELTM of PC/XT/AT System Bus, and VIDEO FEATURE
CONNECTOR, and requires no additional interface support logic or buffers
Video circuit complete with the addition of passive components and two 256K x 4 DRAMs
Supports 16-bit Video Memory read/write cycles in all video modes
Watless Write cycles to Video Memory maximize access by the System Processor, by combining a
MEMORY WRITE DATA FIFO and ZERO WAIT STATE (AT Bus) request capability.
Dual-ported memory access control, rapidly prefetching video memory data into a DISPLAY DATA FIFO
while allowing the System Processor optimum access time to the display buffer
Supports 16-bit I/O read/write cycles to I/O ports, for enhanced performance.
Supports 8- or 16-bit BIOS ROM implementations
ZERO WAIT STATE (AT Bus) request capability for BIOS ROM Memory access cycles.
132-column Alphanumeric Mode, using an internally generated 41 MHz dot clock
800 x 600 x 16 color Graphics Mode, using an internally generated 36 MHz dot clock




Similar Part No. - AVGA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVGA104M50B12T-F CDE-AVGA104M50B12T-F Datasheet
197Kb / 6P
High Capacitance SMT Aluminum Electrolytic Capacitors
AVGA105M50B12T-F CDE-AVGA105M50B12T-F Datasheet
197Kb / 6P
High Capacitance SMT Aluminum Electrolytic Capacitors
AVGA105M63B12T-F CDE-AVGA105M63B12T-F Datasheet
197Kb / 6P
High Capacitance SMT Aluminum Electrolytic Capacitors
AVGA106M16B12T-F CDE-AVGA106M16B12T-F Datasheet
197Kb / 6P
High Capacitance SMT Aluminum Electrolytic Capacitors
AVGA106M25C12T-F CDE-AVGA106M25C12T-F Datasheet
197Kb / 6P
High Capacitance SMT Aluminum Electrolytic Capacitors
More results


Similar Description - AVGA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
VIDEO TIMER / CONTROLLER
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
LOW COST VGA CONTROLLER
TVGA9000I ETC1-TVGA9000I Datasheet
1Mb / 23P
LOW COST VGA CONTROLLER
logo
Epson Company
S1D13L02 EPSON-S1D13L02 Datasheet
102Kb / 2P
S1D13L02 VGA Graphics Controller
logo
Axiomtek Co., Ltd.
P6153 AXIOMTEK-P6153_16 Datasheet
322Kb / 2P
Supports multi-signal inputs: VGA, S-video, Video and DVI
logo
IOGEAR
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
2-Port VGA Video Splitter
GVS72 IOGEAR-GVS72 Datasheet
129Kb / 2P
2-Port VGA Video Splitter
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
4-Port VGA Video Splitter
GVS78 IOGEAR-GVS78 Datasheet
136Kb / 2P
8-Port VGA Video Splitter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com