Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC30 Datasheet (PDF) - Texas Instruments

CD54HC30 Datasheet PDF - Texas Instruments
Part # CD54HC30
Download  CD54HC30 Download
File Size   1417.21 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC30 Single 8-Input NAND Gate

CD54HC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC30 Datasheet PDF - Texas Instruments

Part # CD54HC30
Download  CD54HC30 Click to download

File Size   1417.21 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC30 Single 8-Input NAND Gate

CD54HC30 Datasheet (HTML) - Texas Instruments


CD54HC30 Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains one independent 8-input NAND
gate. Each gate performs the Boolean function
Y = A ● B ● C ● D ● E ● F ● G ● H in positive
logic.




Similar Part No. - CD54HC30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC30 TI-CD54HC30 Datasheet
349Kb / 13P
High Speed CMOS Logic 8-Input NAND Gate
CD54HC30 TI1-CD54HC30 Datasheet
754Kb / 18P
High Speed CMOS Logic 8-Input NAND Gate
CD54HC30F TI-CD54HC30F Datasheet
349Kb / 13P
High Speed CMOS Logic 8-Input NAND Gate
CD54HC30F TI1-CD54HC30F Datasheet
754Kb / 18P
High Speed CMOS Logic 8-Input NAND Gate
CD54HC30F3A TI-CD54HC30F3A Datasheet
349Kb / 13P
High Speed CMOS Logic 8-Input NAND Gate
More results


Similar Description - CD54HC30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com