Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4HCT14 Datasheet (PDF) - Texas Instruments

CDX4HCT14 Datasheet PDF - Texas Instruments
Part # CDX4HCT14
Download  CDX4HCT14 Download
File Size   1293.39 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HCT14 Hex Inverters with Schmitt-Trigger Inputs

CDX4HCT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDX4HCT14 Datasheet PDF - Texas Instruments

Part # CDX4HCT14
Download  CDX4HCT14 Click to download

File Size   1293.39 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HCT14 Hex Inverters with Schmitt-Trigger Inputs

CDX4HCT14 Datasheet (HTML) - Texas Instruments


CDX4HCT14 Product details

1 Features
• LSTTL input logic compatible
– VIL(max) = 0.8 V, VIH(min) = 2 V
• CMOS input logic compatible
– II ≤ 1 μA at VOL, VOH
• Buffered inputs
• 4.5 V to 5.5 V operation
• Wide operating temperature range:
-55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Synchronize inverted clock inputs
• Debounce a switch
• Invert a digital signal

3 Description
This device contains six independent inverters
with Schmitt-trigger inputs. Each gate performs the
Boolean function Y = A in positive logic.




Similar Part No. - CDX4HCT14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4HCT10 TI2-CDX4HCT10 Datasheet
1Mb / 27P
CDx4HCT10 Triple 3-Input NAND Gates
JUNE 2020
CDX4HCT11 TI2-CDX4HCT11 Datasheet
1Mb / 27P
CDx4HCT11 Triple 3-Input AND Gates
REVISED JUNE 2021
CDX4HCT112 TI1-CDX4HCT112 Datasheet
1Mb / 29P
CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
REVISED OCTOBER 2022
CDX4HCT125 TI2-CDX4HCT125 Datasheet
1Mb / 26P
CDx4HCT125 Quadruple Buffers with 3-State Outputs
REVISED AUGUST 2024
CDX4HCT126 TI2-CDX4HCT126 Datasheet
1Mb / 27P
CDx4HCT126 Quadruple Buffers with 3-State Outputs
JUNE 2020
More results


Similar Description - CDX4HCT14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS14 NSC-74LS14 Datasheet
123Kb / 6P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SNC54LS14J TI-SNC54LS14J Datasheet
131Kb / 8P
54LS14 Hex Inverters with Schmitt Trigger Inputs
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 1
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
74AHC14 DIODES-74AHC14 Datasheet
263Kb / 8P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 3
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
Automotive Hex Inverters with Schmitt-Trigger Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com