Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM6208 Datasheet (PDF) - Texas Instruments

CDCM6208 Datasheet PDF - Texas Instruments
Part # CDCM6208
Download  CDCM6208 Download
File Size   3343.57 Kbytes
Page   94 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers

CDCM6208 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCM6208 Datasheet PDF - Texas Instruments

Part # CDCM6208
Download  CDCM6208 Click to download

File Size   3343.57 Kbytes
Page   94 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers

CDCM6208 Datasheet (HTML) - Texas Instruments


CDCM6208 Product details

1 Features
1• Superior Performance With Low Power:
– Low Noise Synthesizer (265 fs-rms Typical
Jitter) or Low Noise Jitter Cleaner (1.6 ps-rms
Typical Jitter)
– 0.5-W Typical Power Consumption
– High Channel-to-Channel Isolation and
Excellent PSRR
– Device Performance Customizable Through
Flexible 1.8-V, 2.5-V and 3.3-V Power
Supplies, Allowing Mixed Output Voltages
• Flexible Frequency Planning:
– 4x Integer Down-Divided Differential Clock
Outputs Supporting LVPECL-Like, CML, or
LVDS-Like Signaling
– 4x Fractional or Integer Divided Differential
Clock Outputs Supporting HCSL, LVDS-Like
Signaling, or Eight CMOS Outputs
– Fractional Output Divider Achieve 0 ppm to < 1
ppm Frequency Error and Eliminates Need for
Crystal Oscillators and Other Clock Generators
– Output Frequencies up to 800 MHz
• Two Differential Inputs, XTAL Support, Ability for
Smart Switching
• SPI, I2C, and Pin Programmable
• Professional User GUI for Quick Design
Turnaround
• 7 × 7 mm 48-VQFN package (RGZ)
• –40°C to 85°C Temperature Range

2 Applications
• Base Band Clocking (Wireless Infrastructure)
• Networking and Data Communications
• Micro and Pico Base Stations
• Keystone C66x Multicore DSP Clocking
• Storage Server, Portable Test Equipment
• Medical Imaging, High End A/V

3 Description
The CDCM6208 is a highly versatile, low jitter low
power frequency synthesizer which can generate
eight low jitter clock outputs, selectable between
LVPECL-like high-swing CML, normal-swing CML,
LVDS-like low-power CML, HCSL, or LVCMOS, from
one of two inputs that can feature a low frequency
crystal or CML, LVPECL, LVDS, or LVCMOS signals
for a variety of wireless infrastructure baseband,
Small Cells, wireline data communication, computing,
low power medical imaging and portable test and
measurement applications. The CDCM6208 also
features an innovative fractional divider architecture
for four of its outputs that can generate any frequency
with better than 1ppm frequency accuracy. The
CDCM6208 can be easily configured through I2C or
SPI programming interface and in the absence of
serial interface, pin mode is also available that can
set the device in 1 of 32 distinct pre-programmed
configurations using control pins.




Similar Part No. - CDCM6208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results


Similar Description - CDCM6208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com