Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT373TSOC Datasheet (PDF) - Texas Instruments

CY74FCT373TSOC Datasheet PDF - Texas Instruments
Part # CY74FCT373TSOC
Download  CY74FCT373TSOC Download
File Size   246.13 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LATCHES WITH 3-STATE OUTPUTS

CY74FCT373TSOC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT373TSOC Datasheet PDF - Texas Instruments

Part # CY74FCT373TSOC
Download  CY74FCT373TSOC Click to download

File Size   246.13 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LATCHES WITH 3-STATE OUTPUTS

CY74FCT373TSOC Datasheet (HTML) - Texas Instruments


CY74FCT373TSOC Product details

Function and Pinout Compatible With FCT
and F Logic
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
3-State Outputs
CY54FCT373T
– 32-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT373T
– 64-mA Output Sink Current
– 32-mA Output Source Current

description
The ’FCT373T devices consist of eight latches with 3-state outputs for bus-organized applications. When the
latch-enable (LE) input is high, the flip-flops appear transparent to the data. Data that meets the required setup
times are latched when LE transitions from high to low. Data appears on the bus when the output-enable (OE)
input is low. When OE is high, the bus output is in the high-impedance state. In this mode, data can be entered
into the latches.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT373TSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT373TSOC TI-CY74FCT373TSOC Datasheet
81Kb / 8P
8-Bit Latches
CY74FCT373TSOC TI-CY74FCT373TSOC Datasheet
111Kb / 8P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373TSOC TI1-CY74FCT373TSOC Datasheet
686Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373TSOC TI2-CY74FCT373TSOC Datasheet
245Kb / 13P
8-BIT LATCHES WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
CY74FCT373TSOC.B TI2-CY74FCT373TSOC.B Datasheet
245Kb / 13P
8-BIT LATCHES WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
More results


Similar Description - CY74FCT373TSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
8-BIT LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
SN74ALS29845 TI1-SN74ALS29845 Datasheet
75Kb / 7P
8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com