Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101C081 Datasheet (PDF) - Texas Instruments

DAC101C081 Datasheet PDF - Texas Instruments
Part # DAC101C081
Download  DAC101C081 Download
File Size   1458.72 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface

DAC101C081 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC101C081 Datasheet PDF - Texas Instruments

Part # DAC101C081
Download  DAC101C081 Click to download

File Size   1458.72 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface

DAC101C081 Datasheet (HTML) - Texas Instruments


DAC101C081 Product details

1 Features
1• Ensured Monotonicity to 10-bits
• Low Power Operation: 156-μA maximum at 3.3 V
• Extended Power Supply Range (2.7 V to 5.5 V)
• I2C-Compatible 2-Wire Interface Which Supports
Standard (100-kHz), Fast (400-kHz), and High-
Speed (3.4-MHz) Modes
• Rail-to-Rail Voltage Output
• Very Small Package
• DAC101C081Q is AEC Q100 Grade 1 Qualified
and Manufactured on Automotive Grade Flow
• Resolution: 10 Bits
• INL: ±2 LSB (Maximum)
• DNL: +0.3/-0.2 LSB (Maximum)
• Setting Time: 6-μs (Maximum)
• Zero Code Error: +10-mV (Maximum)
• Full-Scale Error: −0.7 %FS (Maximum)
• Supply Power (Normal): 380-μW (3-V) / 730-μW
(5-V) Typical
• Supply Power (Power Down): 0.5-μW (3-V) / 0.9-
μW (5-V) Typical

2 Applications
• Industrial Process Control
• Portable Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Test Equipment
• Automotive

3 Description
The DAC101C081 device is a 10-bit, single channel,
voltage-output digital-to-analog converter (DAC) that
operates from a 2.7 V to 5.5 V supply. The output
amplifier allows rail-to-rail output swing and has an 6-
μsec settling time. The DAC101C081 uses the supply
voltage as the reference to provide the widest
dynamic output range and typically consumes 132 μA
while operating at 5.0 V. It is available in 6-lead SOT
and WSON packages and provides three address
options (pin selectable).
As an alternative, the DAC101C085 provides nine
I2C™ addressing options and uses an external
reference. It has the same performance and settling
time as the DAC101C081 and is available in an 8-
lead VSSOP.
The DAC101C081 and DAC101C085 use a 2-wire,
I2C-compatible serial interface that operates in all
three speed modes, including high speed mode (3.4
MHz). An external address selection pin allows up to
three DAC101C081 or nine DAC101C085 devices
per 2-wire bus. Pin compatible alternatives to the
DAC101C081 are available that provide additional
address options.




Similar Part No. - DAC101C081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101C081 NSC-DAC101C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081 TI-DAC101C081 Datasheet
1Mb / 36P
DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
DAC101C081 TI1-DAC101C081 Datasheet
1Mb / 40P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081CIMK/NOPB TI1-DAC101C081CIMK/NOPB Datasheet
1Mb / 40P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
More results


Similar Description - DAC101C081

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com