Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet (PDF) - Texas Instruments

DAC3482 Datasheet PDF - Texas Instruments
Part # DAC3482
Download  DAC3482 Download
File Size   2981.53 Kbytes
Page   107 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC3482, Dual-Channel, 16-Bit, 1.25GSPS Digital-to-Analog Converter (DAC)

DAC3482 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC3482 Datasheet PDF - Texas Instruments

Part # DAC3482
Download  DAC3482 Click to download

File Size   2981.53 Kbytes
Page   107 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC3482, Dual-Channel, 16-Bit, 1.25GSPS Digital-to-Analog Converter (DAC)

DAC3482 Datasheet (HTML) - Texas Instruments


DAC3482 Product details

1 Features
• Very low power: 900mW at 1.25GSPS, full
operating conditions
• Multi-DAC synchronization
• Selectable 2x, 4x, 8x, 16x interpolation filter
– Stop-band attenuation > 90dBc
• Flexible on-chip complex mixing
– Fine mixer with 32-bit NCO
– Power saving coarse mixer: ± n×Fs/8
• High performance, low jitter clock multiplying PLL
• Digital I and Q correction
– Gain, phase, offset, and group delay correction
• Digital inverse sinc filter
• Flexible LVDS input data bus
– Word- or byte-wide interface
– 8 Sample input FIFO
– Data pattern checker
– Parity check
• Temperature sensor
• Differential scalable output: 10mA to 30mA
• Multiple package options: 88 Pin 9 x 9mm WQFNMR
and 196-ball 12mm x12mm

2 Applications
• Cellular base stations
• Diversity transmit
• Wideband communications

3 Description
The DAC3482 is a very low power, high dynamic
range, dual-channel, 16-bit digital-to-analog converter
(DAC) with a sample rate as high as 1.25GSPS.
The device includes features that simplify the
design of complex transmit architectures: 2x to 16x
digital interpolation filters with over 90dB of stopband
attenuation simplify the data interface and
reconstruction filters. A complex mixer allows flexible
carrier placement. A high-performance low jitter clock
multiplier simplifies clocking of the device without
significant impact on the dynamic range. The digital
Quadrature Modulator Correction (QMC) enables
complete IQ compensation for gain, offset, phase, and
group delay between channels in direct up-conversion
applications.
Digital data is input to the device through a flexible
LVDS data bus with on-chip termination. Data can
be input either word-wide or byte-wide. The device
includes a FIFO, data pattern checker and parity test
to ease the input interface. The interface also allows
full synchronization of multiple devices.
The device is characterized for operation over the
entire industrial temperature range of –40°C to 85°C
and is available in a small 88 pin 9 x 9mm WQFN-MR
package or 196-ball 12 x12mm NFBGA package.
Low power, small size, superior crosstalk, high
dynamic range, and features of the DAC3482 make
it an ideal fit for today’s communication systems.




Similar Part No. - DAC3482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
More results


Similar Description - DAC3482

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com