Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3484 Datasheet (PDF) - Texas Instruments

DAC3484 Datasheet PDF - Texas Instruments
Part # DAC3484
Download  DAC3484 Download
File Size   2138.42 Kbytes
Page   108 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)

DAC3484 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC3484 Datasheet PDF - Texas Instruments

Part # DAC3484
Download  DAC3484 Click to download

File Size   2138.42 Kbytes
Page   108 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)

DAC3484 Datasheet (HTML) - Texas Instruments


DAC3484 Product details

1 Features
1• Very Low Power: 1.27 W at 1.25 GSPS, Full
Operating Conditions
• Multi-DAC Synchronization
• Selectable 2x, 4x, 8x, 16x Interpolation Filter
– Stop-Band Attenuation > 90 dBc
• Flexible On-chip Complex Mixing
– Two Independent Fine Mixers with 32-Bit
NCOs
– Power Saving Coarse Mixers: ± n×Fs/8
• High Performance, Low Jitter Clock Multiplying
PLL
• Digital I and Q Correction
– Gain, Phase, Offset, and Group Delay
Correction
• Digital Inverse Sinc Filter
• Flexible 16-Bit LVDS Input Data Bus
– 8 Sample Input FIFO
– Data Pattern Checker
– Parity Check
– GC5330 Compatible
• Temperature Sensor
• Differential Scalable Output: 10 mA to 30 mA
• Multiple Package Options: 88-Pin 9x9mm WQFN
and 196-Ball 12mmx12mm NFBGA (GREEN / Pb-
Free)

2 Applications
• Cellular Base Stations
• Diversity Transmit
• Wideband Communications

3 Description
The DAC3484 is a very low power, high dynamic
range, quad-channel, 16-bit digital-to-analog
converter (DAC) with a sample rate as high as 1.25
GSPS.
The device includes features that simplify the design
of complex transmit architectures: 2x to 16x digital
interpolation filters with over 90dB of stop-band
attenuation simplify the data interface and
reconstruction filters. Independent complex mixers allow flexible carrier placement. A high-performance
low jitter clock multiplier simplifies clocking of the
device without significant impact on the dynamic
range. The digital Quadrature Modulator Correction
(QMC) enables complete IQ compensation for gain,
offset, phase and group delay between channels in
direct up-conversion applications.
Digital data is input to the device through a 16-bit LVDS data bus with on-chip termination. The device
includes a FIFO, data pattern checker and parity test
to ease the input interface. The interface also allows
full synchronization of multiple devices.
The device is characterized for operation over the
entire industrial temperature range of –40°C to 85°C and is available in a very-small 88-pin 9x9mm WQFN
package or 196-ball 12x12mm NFBGA package.
Very low power, small size, superior crosstalk, high
dynamic range and features of the DAC3484 are an
ideal fit for systems with multiple transmit channels.




Similar Part No. - DAC3484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484 Datasheet
484Kb / 49P
Wideband Transmit-Receive Digital Signal Processors
DAC3484 TI1-DAC3484 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKD25 TI1-DAC3484IRKD25 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Similar Description - DAC3484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com