Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC53401 Datasheet (PDF) - Texas Instruments

DAC53401 Datasheet PDF - Texas Instruments
Part # DAC53401
Download  DAC53401 Download
File Size   3792.25 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON

DAC53401 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC53401 Datasheet PDF - Texas Instruments

Part # DAC53401
Download  DAC53401 Click to download

File Size   3792.25 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON

DAC53401 Datasheet (HTML) - Texas Instruments


DAC53401 Product details

1 Features
1• 1 LSB INL and DNL (10-bit and 8-bit)
• Wide operating range
– Power supply: 1.8 V to 5.5 V
– Temperature range: –40˚C to +125˚C
• PMBus™ compatible I2C interface
– Standard, Fast, and Fast+ modes
– Digital slew rate control
– 1.62-V VIH with VDD = 5.5 V
• User-programmable nonvolatile memory
(NVM/EEPROM)
– Save and recall all register settings
• Programmable waveform generation: Square,
ramp, and sawtooth
• Preprogrammed medical-alarm tone-generation
mode: low, medium, and high priority alarms
• Internal reference
• Very low power: 0.2 mA at 1.8 V
• Flexible startup: High impedance or 10K-GND
• Tiny package: 8-pin WSON (2 mm × 2 mm)

2 Applications
• Rack server
• Exit and emergency lighting
• Automotive USB charge
• Barcode scanner
• Active antenna system mMIMO (AAS)
• CPU (PLC controller)

3 Description
The 10-bit DAC53401 and 8-bit DAC43401
(DACx3401) are a pin-compatible family of buffered
voltage-output digital-to-analog converters (DACs).
These devices consume very low power, and are
available in a tiny 8-pin WSON package. The feature
set combined with the tiny package and low power
make the DACx3401 an excellent choice for
applications such as LED and general-purpose bias
point generation, power supply control, digitizers,
PWM signal generation, and medical alarm tone
generation.
These devices have nonvolatile memory (NVM), an
internal reference, and a PMBus-compatible I2C
interface. The DACx3401 operates with either an
internal reference or the power supply as a reference,
and provides full-scale output of 1.8 V to 5.5 V. The
devices communicate through the I2C interface.
These devices support I2C standard mode, fast
mode, and fast+ mode.
The DACx3401 are feature rich, and include PMBus
voltage margin commands, user-programmable
power up to high impedance, standalone waveform
generator, medical alarm tone generator, dedicated
feedback pin, and more.
The DACx3401 operate within the temperature range
of –40°C to +125°C.




Similar Part No. - DAC53401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI1-DAC53401 Datasheet
1Mb / 43P
DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results


Similar Description - DAC53401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
logo
Microchip Technology
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com