Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC53701 Datasheet (PDF) - Texas Instruments

DAC53701 Datasheet PDF - Texas Instruments
Part # DAC53701
Download  DAC53701 Download
File Size   3336.03 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control

DAC53701 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC53701 Datasheet PDF - Texas Instruments

Part # DAC53701
Download  DAC53701 Click to download

File Size   3336.03 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control

DAC53701 Datasheet (HTML) - Texas Instruments


DAC53701 Product details

1 Features
• 1 LSB INL and DNL (10-bit and 8-bit)
• Wide operating range
– Power supply: 1.8 V to 5.5 V
– Temperature range: –40°C to +125°C
• General-purpose input (GPI) based function trigger
• PMBus™ compatible I2C interface
– Standard, fast, and fast mode plus
– Four device address options configured using
the broadcast address
– 1.62-V VIH with VDD = 5.5 V
• User-programmable nonvolatile memory (NVM/
EEPROM)
– Save and recall all register settings
• Programmable waveform generation: Square,
triangular, and sawtooth
• Pulse-width modulation (PWM) output using
triangular waveform and FB pin
• Preprogrammed medical-alarm tone-generation
mode: low-, medium-, and high-priority alarms
• Digital slew rate control
• Internal reference
• Very low power: 0.2 mA at 1.8 V
• Flexible start-up: High impedance or 10K-GND
• Tiny package: 8-pin WSON (2 mm × 2 mm)

2 Applications
• Oven
• Ventilators
• Infusion pump
• Anesthesia delivery systems
• Surgical equipment
• Rack server
• Exit and emergency lighting

3 Description
The 10-bit DAC53701 and 8-bit DAC43701
(DACx3701) are a pin-compatible family of buffered
voltage-output smart digital-to-analog converters
(DACs). These devices consume very low power, and
are available in a tiny 8-pin WSON package. The
feature set combined with the tiny package and low
power make the DACx3701 an excellent choice for
applications such as appliance door fade-in fade-out,
processorless LED dimming with PWM input, generalpurpose
bias point generation, voltage margining and
scaling, PWM signal generation, and medical alarm
tone generation.
These devices have nonvolatile memory (NVM), an
internal reference, a PMBus-compatible I2C interface,
and a general-purpose input. The DACx3701
operates with either an internal reference or with the
power supply as a reference, and provides a full-scale
output of 1.8 V to 5.5 V.
The DACx3701 are smart DAC devices because of
their advanced integrated features. With force-sense
output, GPI based function trigger, medical alarm,
PWM output, and NVM capabilities, smart DACs
enable system performance and control without the
use of software.




Similar Part No. - DAC53701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701 TI-DAC53701 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
More results


Similar Description - DAC53701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53401 TI1-DAC53401_V01 Datasheet
1Mb / 43P
DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53202 TI-DAC53202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com