Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC53508RTER Datasheet (PDF) - Texas Instruments

DAC53508RTER Datasheet PDF - Texas Instruments
Part # DAC53508RTER
Download  DAC53508RTER Download
File Size   3878.09 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package

DAC53508RTER Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC53508RTER Datasheet PDF - Texas Instruments

Part # DAC53508RTER
Download  DAC53508RTER Click to download

File Size   3878.09 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package

DAC53508RTER Datasheet (HTML) - Texas Instruments


DAC53508RTER Product details

1 Features
• ±1LSB DNL
• Wide operating range:
– Power supply: 1.8V to 5.5V
– Temperature range: –40°C to +125°C
• 3-wire serial peripheral interface (SPI)
– VIH = 2.4V for 2.7V ≤ VDD ≤ 5.5V
– VIH = (VDD – 0.3V ) for 1.8V ≤ VDD ≤ 2.7V
• LDAC pin for simultaneous output update
• Very low power: 0.1mA/channel at 1.8V
• Low-power start-up mode: Outputs powered down
with 10kΩ to AGND
• Tiny package: 3mm × 3mm, 16-pin WQFN

2 Applications
• Multifunction printer
• Display panel for TV
• OLED TV
• Virtual reality headset
• Currency counter
• Automatic teller machine (ATM)

3 Description
The 8-bit DAC43508, 10-bit DAC53508, and 12-bit
DAC63508 (DACx3508) are low-power, eight-channel,
voltage-output, digital-to-analog converters (DACs).
The DACx3508 are specified monotonic by design
across a wide power supply range from 1.8V to
5.5V. Using an external reference, the DACx3508
provides a full-scale output voltage range of 1.8V to
5.5V while consuming 0.1mA quiescent current per
channel. The DACx3508 also includes per channel,
user programmable, power down registers. These
registers facilitate the DAC output buffers to start in
a 10kΩ-AGND power-down state, and remain in this
state until a power-up command is issued to these
output buffers.
Low quiescent current, wide power-supply range,
octal channel, and a per-channel power-down option
make the DACx3508 an excellent choice for highdensity,
low-power, battery-operated systems.
The devices communicate through the 3-wire (writeonly)
serial peripheral interface (SPI). These devices
also have a load DAC (LDAC) and clear (CLR) inputs.




Similar Part No. - DAC53508RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53508RTER TI-DAC53508RTER Datasheet
3Mb / 38P
DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
DECEMBER 2021
DAC53508RTER TI1-DAC53508RTER Datasheet
3Mb / 40P
DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
MAY 2024
More results


Similar Description - DAC53508RTER

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
logo
Linear Technology
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs
04/18-REV.D
logo
Texas Instruments
DAC53508 TI-DAC53508 Datasheet
3Mb / 38P
DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com