Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686 Datasheet (PDF) - Texas Instruments

DAC5686 Datasheet PDF - Texas Instruments
Part # DAC5686
Download  DAC5686 Download
File Size   1447.72 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER

DAC5686 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5686 Datasheet PDF - Texas Instruments

Part # DAC5686
Download  DAC5686 Click to download

File Size   1447.72 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER

DAC5686 Datasheet (HTML) - Texas Instruments


DAC5686 Product details

1FEATURES
234· 500-MSPS Maximum-Update-Rate DAC
· WCDMA ACPR
– 1 Carrier: 76 dB Centered at 30.72-MHz IF,
245.76 MSPS
– 1 Carrier: 73 dB Centered at 61.44-MHz IF,
245.76 MSPS
– 2 Carrier: 72 dB Centered at 30.72-MHz IF,
245.76 MSPS
– 4 Carrier: 64 dB Centered at 92.16-MHz IF,
491.52 MSPS
· Selectable 2×, 4×, 8×, and 16× Interpolation
– Linear Phase
– 0.05-dB Pass-Band Ripple
– 80-dB Stop-Band Attenuation
– Stop-Band Transition 0.4–0.6 fDATA
· 32-Bit Programmable NCO
· On-Chip 2×–16× PLL Clock Multiplier With
Bypass Mode
· Differential Scalable Current Outputs: 2 mA to
20 mA
· On-Chip 1.2-V Reference
· 1.8-V Digital and 3.3-V Analog Supplies
· 1.8-V/3.3-V CMOS-Compatible Interface
· Power Dissipation: 950 mW at Full Maximum
Operating Conditions
· Package: 100-Pin HTQFP

APPLICATIONS
· Cellular Base Transceiver Station Transmit
Channel
– CDMA: W-CDMA, CDMA2000, IS-95
– TDMA: GSM, IS-136, EDGE/UWC-136
· Baseband I and Q Transmit
· Input Interface: Quadrature Modulation for Interfacing With Baseband Complex Mixing
ASICs
· Single-Sideband Up-Conversion
· Diversity Transmit
· Cable Modem Termination System

DESCRIPTION
The DAC5686 is a dual-channel 16-bit high-speed digital-to-analog converter (DAC) with integrated 2×, 4×, 8×,
and 16× interpolation filters, a numerically controlled oscillator (NCO), onboard clock multiplier, and on-chip
voltage reference. The DAC5686 has been specifically designed to allow for low input data rates between the
DAC and ASIC, or FPGA, and high output transmit intermediate frequencies (IF). Target applications include
high-speed digital data transmission in wired and wireless communication systems and high-frequency
direct-digital synthesis DDS.
The DAC5686 provides three modes of operation: dual-channel, single-sideband, and quadrature modulation. In
dual-channel mode, interpolation filtering increases the DAC update rate, which reduces sinx/x rolloff and
enables the use of relaxed analog post-filtering.
Single-sideband mode provides an alternative interface to the analog quadrature modulators. Channel carrier
selection is performed at baseband by mixing in the ASIC/FPGA. Baseband I and Q from the ASIC/FPGA are
input to the DAC5686, which in turn performs a complex mix resulting in Hilbert transform pairs at the outputs of
the DAC5686's two DACs. An external RF quadrature modulator then performs the final single-sideband
up-conversion. The DAC5686's complex mixing frequencies are flexibly chosen with the 32-bit programmable
NCO.




Similar Part No. - DAC5686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI1-DAC5686 Datasheet
822Kb / 53P
16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686IPZP TI-DAC5686IPZP Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686IPZP TI1-DAC5686IPZP Datasheet
822Kb / 53P
16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686IPZPG4 TI1-DAC5686IPZPG4 Datasheet
822Kb / 53P
16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC5686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com