Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5578SPW Datasheet (PDF) - Texas Instruments

DAC5578SPW Datasheet PDF - Texas Instruments
Part # DAC5578SPW
Download  DAC5578SPW Download
File Size   5082.48 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters

DAC5578SPW Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5578SPW Datasheet PDF - Texas Instruments

Part # DAC5578SPW
Download  DAC5578SPW Click to download

File Size   5082.48 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters

DAC5578SPW Datasheet (HTML) - Texas Instruments


DAC5578SPW Product details

1FEATURES
23• Relative Accuracy:
– DAC5578 (8 bit): 0.25LSB INL
– DAC6578 (10 bit): 0.5LSB INL
– DAC7578 (12 bit): 1LSB INL
• Glitch Energy: 0.15nV-s
• Power-On Reset to Zero Scale or Midscale
– Devices in the TSSOP Package Reset to
Zero Scale
– Devices in the QFN Package Reset to Zero
Scale or Midscale
• Ultra-Low Power Operation: 0.13mA/ch at 5V
• Wide Power-Supply Range: +2.7V to +5.5V
• 2-Wire Serial Interface ( I2C™ compatible)
• Temperature Range: –40°C to +125°C

APPLICATIONS
• Portable Instrumentation
• Closed-Loop Servo Control
• Process Control
• Data Acquisition Systems

DESCRIPTION
The DAC5578 (8 bit), DAC6578 (10 bit), and
DAC7578 (12 bit) are low-power, voltage-output, octal
channel, digital-to-analog converters (DACs). The
devices are monolithic, provide good linearity,and
minimize undesired code-to-code transient voltages
(glitch).
The devices use a versatile, 2-wire serial interface
that is I2C-compatible and operates at clock rates of
up to 3.4MHz. Multiple devices can share the same
bus.
The devices incorporate a power-on-reset (POR) circuit that ensures the DAC output powers up to
zero-scale or midscale until a valid code is written to
the device. These devices also contain a power-down
feature, accessed through the serial interface, that
reduces the current consumption of the devices to
typically 0.42μA at 5V. Power consumption is typically
2.32mW at 3V, reducing to 0.68μW in power-down
mode. The low power consumption and small
footprint make these devices ideal for portable,
battery-operated equipment.
The DAC5578, DAC6578, and DAC7578 are drop-in and functionally-compatible with the DAC7678. All
devices are available in a 4x4, QFN-24 package and
a TSSOP-16 package.




Similar Part No. - DAC5578SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5578SPW TI-DAC5578SPW Datasheet
3Mb / 55P
8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
DAC5578SPWR TI-DAC5578SPWR Datasheet
3Mb / 55P
8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
More results


Similar Description - DAC5578SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC5578 TI-DAC5578_10 Datasheet
3Mb / 55P
8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
DAC7678 TI-DAC7678_10 Datasheet
1Mb / 52P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com