Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC6571IDBVT Datasheet (PDF) - Texas Instruments

DAC6571IDBVT Datasheet PDF - Texas Instruments
Part # DAC6571IDBVT
Download  DAC6571IDBVT Download
File Size   763.42 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER

DAC6571IDBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC6571IDBVT Datasheet PDF - Texas Instruments

Part # DAC6571IDBVT
Download  DAC6571IDBVT Click to download

File Size   763.42 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER

DAC6571IDBVT Datasheet (HTML) - Texas Instruments


DAC6571IDBVT Product details

FEATURES
· Micropower Operation: 125 mA @ 3 V
· Fast Update Rate: 188 kSPS
· Power-On Reset to Zero
· +2.7-V to +5.5-V Power Supply
· Specified Monotonic by Design
· I2C™ Interface up to 3.4 MBPS
· On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
· Double-Buffered Input Register
· Address Support for up to Two DAC6571s
· Small SOT23-6 Package
· Operation From –40°C to +105°C

APPLICATIONS
· Process Control
· Data Acquistion Systems
· Closed-Loop Servo Control
· PC Peripherals
· Portable Instrumentation

DESCRIPTION
The DAC6571 is a low-power, single-channel, 10-bit
buffered voltage output digital-to-analog converter
(DAC). Its on-chip precision output amplifier allows
rail-to-rail output swing to be achieved. The DAC6571
utilizes an I2C-compatible, two-wire serial interface
that operates at clock rates up to 3.4 MBPS with
address support of up to two DAC6571s on the same
data bus.
The output voltage range of the DAC is 0 V to VDD.
The DAC6571 incorporates a power-on-reset circuit
that ensures that the DAC output powers up at zero
volts and remains there until a valid write to the
device takes place. The DAC6571 contains a power-down feature, accessed via the internal control
register, that reduces the current consumption of the
device to 50 nA at 5 V.
The low power consumption of this part in normal
operation makes it ideally suited for portable battery
operated equipment. The power consumption is less
than 0.7 mW at VDD = 5 V reducing to 1 mW in
power-down mode.
The DAC7571/6571/5571 are 12/10/8-bit,
single-channel I2C DACs from the same family. The
DAC7574/6574/5574 and DAC7573/6573/5573 are
12/10/8-bit, quad-channel I2C DACs. Also see the
DAC8571/8574 for single/quad-channel, 16-bit I2C
DACs.




Similar Part No. - DAC6571IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6571IDBVT TI-DAC6571IDBVT Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVT TI1-DAC6571IDBVT Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVTG4 TI1-DAC6571IDBVTG4 Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC6571IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571_07 Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com