Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562 Datasheet (PDF) - Texas Instruments

DAC8562 Datasheet PDF - Texas Instruments
Part # DAC8562
Download  DAC8562 Download
File Size   2125.23 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference

DAC8562 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8562 Datasheet PDF - Texas Instruments

Part # DAC8562
Download  DAC8562 Click to download

File Size   2125.23 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference

DAC8562 Datasheet (HTML) - Texas Instruments


DAC8562 Product details

1 Features
1• Relative Accuracy:
– DAC756x (12-Bit): 0.3 LSB INL
– DAC816x (14-Bit): 1 LSB INL
– DAC856x (16-Bit): 4 LSB INL
• Glitch Impulse: 0.1 nV-s
• Bidirectional Reference: Input or 2.5-V Output
– Output Disabled by Default
– ±5-mV Initial Accuracy (Max)
– 4-ppm°C Temperature Drift (Typ) three–
10-ppm/°C Temperature Drift (Max)
– 20-mA Sink and Source Capability
• Power-On Reset to Zero Scale or Mid-Scale
• Low-Power: 4 mW (Typ, 5-V AV DD, Including
Internal Reference Current)
• Wide Power-Supply Range: 2.7 V to 5.5 V
• 50-MHz SPI With Schmitt-Triggered Inputs
• LDAC and CLR Functions
• Output Buffer With Rail-to-Rail Operation
• Packages: WSON-10 (3 mm × 3 mm), VSSOP-10
• Temperature Range: –40°C to 125°C

2 Applications
• Portable Instrumentation
• PLC Analog Output Module
• Closed-Loop Servo Control
• Voltage Controlled Oscillator Tuning
• Data Acquisition Systems
• Programmable Gain and Offset Adjustment

3 Description
The DAC756x, DAC816x, and DAC856x devices are
low-power, voltage-output, dual-channel, 16-, 14-, and 12-bit digital-to-analog converters (DACs),
respectively. These devices include a 2.5-V,
4-ppm/°C internal reference, giving a full-scale output
voltage range of 2.5 V or 5 V. The internal reference has an initial accuracy of ±5 mV and can source or
sink up to 20 mA at the VREFIN/VREFOUT pin.
These devices are monotonic, providing excellent
linearity and minimizing undesired code-to-code
transient voltages (glitch). They use a versatile three–
wire serial interface that operates at clock rates up to 50 MHz. The interface is compatible with standard
SPI™, QSPI™, Microwire, and digital signal
processor (DSP) interfaces. The DACxx62 devices
incorporate a power-on-reset circuit that ensures the
DAC output powers up and remains at zero scale until a valid code is written to the device, whereas the
DACxx63 devices similarly power up at mid-scale.
These devices contain a power-down feature that
reduces current consumption to typically 550 nA at
5 V. The low power consumption, internal reference,
and small footprint make these devices ideal for
portable, battery-operated equipment.
The DACxx62 devices are drop-in and functioncompatible
with each other, as are the DACxx63
devices. The entire family is available in MSOP-10
and SON-10 packages.




Similar Part No. - DAC8562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV.A
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8562 TI-DAC8562 Datasheet
1Mb / 58P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
logo
Analog Devices
DAC8562 AD-DAC8562 Datasheet
639Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
logo
Texas Instruments
DAC8562-Q1 TI1-DAC8562-Q1 Datasheet
1Mb / 54P
Low-Power, Buffered, Voltage-Output DACs
More results


Similar Description - DAC8562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Texas Instruments
DAC8562 TI-DAC8562_13 Datasheet
1Mb / 58P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8562SDSCT TI1-DAC8562SDSCT Datasheet
1Mb / 58P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81408 TI1-DAC81408_18 Datasheet
2Mb / 55P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com