Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7632 Datasheet (PDF) - Texas Instruments

DAC7632 Datasheet PDF - Texas Instruments
Part # DAC7632
Download  DAC7632 Download
File Size   1359.04 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7632 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7632 Datasheet PDF - Texas Instruments

Part # DAC7632
Download  DAC7632 Click to download

File Size   1359.04 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7632 Datasheet (HTML) - Texas Instruments


DAC7632 Product details

FEATURES
LOW POWER: 4mW
UNIPOLAR OR BIPOLAR OPERATION
SETTLING TIME: 10μs to ±0.003% FSR
15-BIT LINEARITY AND MONOTONICITY:
–40°C to +85°C
PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
DOUBLE-BUFFERED DATA INPUTS

APPLICATIONS
PROCESS CONTROL
CLOSED-LOOP SERVO-CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS
DAC-PER-PIN PROGRAMMERS

DESCRIPTION
The DAC7632 is a 16-bit, dual channel, voltage output,
Digital-to-Analog Converter (DAC) which provides 15-bit
monotonic performance over the specified temperature range.
The device accepts 24-bit serial input data, has doublebuffered
DAC input logic (allowing simultaneous update of
both DACs), and provides a serial data output for daisychaining
multiple devices. A programmable asynchronous
reset clears all registers to a mid-scale code of 8000H or to
a zero-scale code of 0000H. The DAC7632 can operate from
a single +5V supply or from +5V and –5V supplies, providing
an output range of 0V to +2.5V or –2.5V to +2.5V, respectively.
Low power and small size per DAC make the DAC7632
ideal for industrial process control, data acquisition systems,
and closed-loop servo-control. The DAC7632 is available
in an LQFP-32 package and specified over a –40°C to
+85°C temperature range.




Similar Part No. - DAC7632

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632VFBR BURR-BROWN-DAC7632VFBR Datasheet
846Kb / 21P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632VFBT BURR-BROWN-DAC7632VFBT Datasheet
846Kb / 21P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7632VFBT TI1-DAC7632VFBT Datasheet
1Mb / 26P
16-Bit, Dual Voltage Output
DAC7632VFBTG4 TI1-DAC7632VFBTG4 Datasheet
1Mb / 26P
16-Bit, Dual Voltage Output
More results


Similar Description - DAC7632

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com