Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7716 Datasheet (PDF) - Texas Instruments

DAC7716 Datasheet PDF - Texas Instruments
Part # DAC7716
Download  DAC7716 Download
File Size   1936.86 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, 12-Bit, High-Accuracy, ±16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7716 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7716 Datasheet PDF - Texas Instruments

Part # DAC7716
Download  DAC7716 Click to download

File Size   1936.86 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, 12-Bit, High-Accuracy, ±16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7716 Datasheet (HTML) - Texas Instruments


DAC7716 Product details

1FEATURES
2345· Bipolar Output: Up to ±16V
· Unipolar Output: 0V to +20V
· 12-Bit Monotonic
· Relative Accuracy: 1 LSB Max
· Low Zero and Gain Errors
– Before User Calibration: 0.5 LSB
– After User Calibration:
0.0078 LSB Zero Error, 0.0625 LSB Gain
Error
· Low Noise: 60nV/√Hz
· Settling Time: 6ms
· Configurable Gain: x2/x4
· Analog Output Monitor
· Power-Down Mode
· SPI™: Up to 50MHz, 1.8V/3V/5V Logic
· Daisy-Chain Mode
· Operating Temperature: –40°C to +105°C
· Packages: QFN-40 (6x6mm), TQFP-48 (7x7mm)

APPLICATIONS
· Automatic Test Equipment
· Instrumentation
· Industrial Process Control
· Communications

DESCRIPTION
The DAC7716 is a high-accuracy, quad-channel,
12-bit digital-to-analog converter (DAC) that operates
from supply voltages of ±5V to ±18V in bipolar output mode, and from ±5V to +24V/–12V in unipolar mode.
With a 5V reference, the DAC7716 can be configured
to output ±10V, ±5V, 0V to 20V, or 0V to 10V. The
DAC7716 provides 12-bit monotonicity, excellent
integral nonlinearity (INL) error of ±1 LSB, low glitch,
and low noise over the operating temperature range
of –40°C to +105°C. This device is trimmed in
production for very low zero and gain errors. In
addition, the DAC7716 implements a
user-programmable system-level calibration function to achieve ±0.0078 LSB zero error and ±0.0625 LSB
gain error.
The DAC7716 has integrated reference buffers and
output buffers. It features a standard high-speed
1.8V, 3V, or 5V serial peripheral interface (SPI) that
operates at clock rates of up to 50MHz to communicate with a DSP or microprocessor. The four
DAC channels and the auxiliary registers are
addressed with four address bits. The device features
double-buffered interface logic for simultaneous
updates of all DACs. An asynchronous load input
(LDAC) transfers data from the input data register to the DAC latch, and the contents of the DAC latch set
the output voltage. The asynchronous RST input sets
the output of all four DACs to 0V. The VMON pin is an
analog monitor output that multiplexes the individual
DAC outputs or the AIN pin.
The DAC7716 is pin-compatible with the DAC8734
(16-bit) and the DAC8234 (14-bit).




Similar Part No. - DAC7716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716SPFB TI-DAC7716SPFB Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716SPFBR TI-DAC7716SPFBR Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716SRHAR TI-DAC7716SRHAR Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7716SRHAT TI-DAC7716SRHAT Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7716

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com