Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7568A Datasheet (PDF) - Texas Instruments

DAC7568A Datasheet PDF - Texas Instruments
Part # DAC7568A
Download  DAC7568A Download
File Size   1992.36 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC7568, DAC8168, DAC8568 12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output, Digital-to-Analog Converters with 2.5-V 2-ppm/°C Internal Reference

DAC7568A Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7568A Datasheet PDF - Texas Instruments

Part # DAC7568A
Download  DAC7568A Click to download

File Size   1992.36 Kbytes
Page   72 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC7568, DAC8168, DAC8568 12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output, Digital-to-Analog Converters with 2.5-V 2-ppm/°C Internal Reference

DAC7568A Datasheet (HTML) - Texas Instruments


DAC7568A Product details

1 Features
1• Relative Accuracy:
– DAC7568 (12-Bit): 0.3 LSB INL
– DAC8168 (14-Bit): 1 LSB INL
– DAC8568 (16-Bit): 4 LSB INL
• Glitch Energy: 0.1nV-s
• Internal Reference:
– 2.5V Reference Voltage (disabled by default)
– 0.004% Initial Accuracy (typ)
– 2ppm/°C Temperature Drift (typ)
– 5ppm/°C Temperature Drift (max)
– 20mA Sink/Source Capability
• Power-On Reset to Zero Scale or Midscale
• Ultralow Power Operation: 1.25mA at 5V Including
Internal Reference Current
• Wide Power-Supply Range: +2.7V to +5.5V
• Monotonic Over Entire Temperature Range
• Low-Power Serial Interface with Schmitt-Triggered
Inputs: Up to 50MHz
• On-Chip Output Buffer Amplifier with Rail-to-Rail
Operation
• Temperature Range: –40°C to +125°C

2 Applications
• Portable Instrumentation
• Closed-Loop Servo-Control/Process Control
• Data Acquisition Systems
• Programmable Attenuation, Digital Gain, and
Offset Adjustment
• Programmable Voltage and Current Sources

3 Description
The DAC7568, DAC8168, and DAC8568 are lowpower,
voltage-output, eight-channel, 12-, 14-, and
16-bit digital-to-analog converters (DACs),
respectively. These devices include a 2.5V, 2ppm/°C
internal reference (disabled by default), giving a fullscale
output voltage range of 2.5V or 5V. The internal
reference has an initial accuracy of 0.004% and can
source up to 20mA at the VREFIN/VREFOUT pin.
These devices are monotonic, providing excellent
linearity and minimizing undesired code-to-code
transient voltages (glitch). They use a versatile 3-wire
serial interface that operates at clock rates up to
50MHz. The interface is compatible with standard
SPI™, QSPI™, Microwire™, and digital signal
processor (DSP) interfaces.
The DAC7568, DAC8168, and DAC8568 incorporate
a power-on-reset circuit that ensures the DAC output
powers up at either zero scale or midscale until a
valid code is written to the device. These devices
contain a power-down feature, accessed over the
serial interface, that reduces current consumption to
typically 0.18μA at 5V. Power consumption (including
internal reference) is typically 2.9mW at 3V, reducing
to less than 1μW in power-down mode. The low
power consumption, internal reference, and small
footprint make these devices ideal for portable,
battery-operated equipment.
The DAC7568, DAC8168, and DAC8568 are drop-in
and function-compatible with each other, and are
available in TSSOP-16 and TSSOP-14 packages.




Similar Part No. - DAC7568A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568A TI-DAC7568A Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568A TI-DAC7568A Datasheet
2Mb / 60P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Similar Description - DAC7568A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com