Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8718 Datasheet (PDF) - Texas Instruments

DAC8718 Datasheet PDF - Texas Instruments
Part # DAC8718
Download  DAC8718 Download
File Size   2679.25 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8718 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8718 Datasheet PDF - Texas Instruments

Part # DAC8718
Download  DAC8718 Click to download

File Size   2679.25 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8718 Datasheet (HTML) - Texas Instruments


DAC8718 Product details

1FEATURES
2345• Bipolar Output: ±2V to ±16.5V
• Unipolar Output: 0V to +33V
• 16-Bit Resolution
• Low Power: 14.4mW/Ch (Bipolar Supply)
• Relative Accuracy: 4 LSB Max
• Low Zero/Full-Scale Error
– Before User Calibration: ±10 LSB Max
– After User Calibration: ±1 LSB
• Flexible System Calibration
• Low Glitch: 4nV-s
• Settling Time: 15μs
• Channel Monitor Output
• Programmable Gain: x4/x6
• Programmable Offset
• SPI™: Up to 50MHz, 1.8V/3V/5V Logic
• Schmitt Trigger Inputs
• Daisy-Chain with Sleep Mode Enhancement
• Packages: QFN-48 (7x7mm), TQFP-64
(10x10mm)

APPLICATIONS
• Automatic Test Equipment
• PLC and Industrial Process Control
• Communications

DESCRIPTION
The DAC8718 is a low-power, octal, 16-bit
digital-to-analog converter (DAC). With a 5V
reference, the output can either be a bipolar ±15V
voltage when operating from dual ±15.5V (or higher)
power supplies, or a unipolar 0V to +30V voltage
when operating from a +30.5V (or higher) power
supply. With a 5.5V reference, the output can either
be a bipolar ±16.5V voltage when operating from dual
±17V (or higher) power supplies, or a unipolar 0V to
+33V voltage when operating from a +33.5V (or
higher) power supply. This DAC provides low-power
operation, good linearity, and low glitch over the
specified temperature range of –40°C to +105°C. This
device is trimmed in manufacturing and has very low
zero-code and gain error. In addition, system level
calibration can be performed to achieve ±1 LSB bipolar zero/full-scale error with bipolar supplies, or
±1 LSB zero code/full-scale error with a unipolar
supply, over the entire signal chain. The output range
can be offset by using the DAC offset register.
The DAC8718 features a standard, high-speed serial
peripheral interface (SPI) that operates at up to 50MHz and is 1.8V, 3V, and 5V logic compatible, to
communicate with a DSP or microprocessor. The
input data of the device are double-buffered. An
asynchronous load input (LDAC) transfers data from
the DAC data register to the DAC latch. The
asynchronous CLR input sets the output of all eight
DACs to AGND. The VMON pin is a monitor output
that connects to the individual analog outputs, the
offset DAC, the reference buffer outputs, and two
external inputs through a multiplexer (mux).
The DAC8718 is pin-to-pin and function-compatible
with the DAC8218 (14-bit) and the DAC7718 (12-bit).




Similar Part No. - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 62P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718 Datasheet
2Mb / 64P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI1-DAC8218_14 Datasheet
2Mb / 64P
Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com