Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC80508M Datasheet (PDF) - Texas Instruments

DAC80508M Datasheet PDF - Texas Instruments
Part # DAC80508M
Download  DAC80508M Download
File Size   5047.4 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference

DAC80508M Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC80508M Datasheet PDF - Texas Instruments

Part # DAC80508M
Download  DAC80508M Click to download

File Size   5047.4 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx0508 Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference

DAC80508M Datasheet (HTML) - Texas Instruments


DAC80508M Product details

1 Features
1• Performance
– INL: ±1 LSB Maximum at 16-Bit Resolution
– TUE: ±0.1% of FSR Maximum
• Integrated 2.5 V Precision Internal Reference
– Initial Accuracy: ±5 mV Maximum
– Low Drift: 2 ppm/°C Typical, DAC80508
• High Drive Capability: 20 mA with 0.5 V from
Supply Rails
• Flexible Output Configuration
– User Selectable Gain: 2, 1 or ½
– Reset to Zero Scale or Midscale
– Clear Output Function: DACx0508C
• Wide Operating Range
– Power Supply: 2.7 V to 5.5 V
– Temperature Range: –40˚C to 125˚C
• 50 MHz SPI Compatible Serial Interface
– 1.7 V to 5.5 V Operation
– Daisy Chain Operation
– CRC Error Check
• Low Power: 0.6 mA/Channel at 5.5 V
• Small Packages:
– 3 mm × 3 mm, 16-Pin WQFN
– 2.4 mm x 2.4 mm, 16-Pin DSBGA

2 Applications
• Optical Networking
• Wireless Infrastructure
• Industrial Automation
• Data Acquisition Systems

3 Description
The DACx0508 is a pin-compatible family of low
power, eight-channel, buffered voltage-output, digitalto-
analog converters (DACs) with 16-, 14- and 12-bit
resolution. The DACx0508 includes a 2.5-V, 5-
ppm/°C internal reference, eliminating the need for an
external precision reference in most applications. A
user selectable gain configuration provides full-scale
output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1)
or 5 V (gain = 2). The device operates from a single
2.7-V to 5.5-V supply, is specified monotonic and
provides high linearity of ±1 LSB INL.
Communication to the DACx0508 is performed
through a serial interface that operates at clock rates
up to 50 MHz. The VIO pin enables serial interface
operation from 1.7 V to 5.5 V. The DACx0508 flexible
interface enables operation with a wide range of
industry-standard microprocessors and
microcontrollers.
The DACx0508 incorporates a power-on-reset circuit
that powers up and maintains the DAC outputs at
either zero scale or midscale until a valid code is
written to the device. The device consumes low
current of 0.6 mA/channel at 5.5 V, making it suitable
for battery-operated equipment. A per-channel powerdown
feature reduces the device current consumption
to 15 μA.
The DACx0508 is characterized for operation over
the temperature range of –40°C to 125°C and is
available in small packages.




Similar Part No. - DAC80508M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80508M TI1-DAC80508M Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508MCRTER TI1-DAC80508MCRTER Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508MCRTET TI1-DAC80508MCRTET Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508MCYZFR TI1-DAC80508MCYZFR Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508MCYZFT TI1-DAC80508MCYZFT Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results


Similar Description - DAC80508M

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com