Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8728SPAG Datasheet (PDF) - Texas Instruments

DAC8728SPAG Datasheet PDF - Texas Instruments
Part # DAC8728SPAG
Download  DAC8728SPAG Download
File Size   2095.17 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER

DAC8728SPAG Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8728SPAG Datasheet PDF - Texas Instruments

Part # DAC8728SPAG
Download  DAC8728SPAG Click to download

File Size   2095.17 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER

DAC8728SPAG Datasheet (HTML) - Texas Instruments


DAC8728SPAG Product details

1FEATURES
2• Bipolar Output: ±3V, up to ±16.5V
• Unipolar Output: 0V to +33V
• 16-Bit Resolution
• Low Power: 13.5mW/Ch
• Relative Accuracy: 4 LSB Max
• Flexible User Calibration
• Low Zero/Full-Scale Error
– Before User Calibration: ±10 LSB Max
– After User Calibration: ±1 LSB
• Low Glitch: 4nV-s
• Settling Time: 15μs
• Channel Monitor Output
• Programmable Gain: x4, x6
• Programmable Offset
• 16-Bit Parallel Interface:
50MHz (Write Operation)
• Packages: QFN-56 (8mm x 8mm),
TQFP-64 (10mm x 10mm)

APPLICATIONS
• Automatic Test Equipment
• PLC and Industrial Process Control
• Communications

DESCRIPTION
The DAC8728 is a low-power, octal, 16-bit
digital-to-analog converter (DAC). With a 5V
reference, the output can either be a bipolar ±15V
voltage when operating from a dual ±15.5V (or
higher) power supply, or a unipolar 0V to +30V
voltage when operating from a +30.5V power supply.
With a 5.5V reference, the output can either be a
±16.5V for a dual ±17V (or higher) power supply, or a
unipolar 0V to +33V voltage when operating from a
+33.5V (or higher) power supply. This DAC provides
low-power operation, good linearity, and low glitch
over the specified temperature range of –40°C to
+105°C. This device is trimmed in manufacturing and
has very low zero and full-scale error. In addition,
user calibration can be performed to achieve ±1 LSB
bipolar zero/full-scale error for a bipolar supply, or ±1 LSB zero-code/full-scale error for a unipolar supply
over the entire signal chain. The output range can be
offset by using the DAC Offset Register.
The DAC8728 features a standard, high-speed, 16-bit
parallel interface that operates at up to 50MHz and is
1.8V, 3V, and 5V logic compatible, to communicate
with a DSP or microprocessor. The eight DACs and
the auxiliary registers are addressed with five address
lines. The device features double-buffered interface
logic. An asynchronous load input (LDAC) transfers
data from the DAC data register to the DAC latch.
The asynchronous CLR input sets the output of all
eight DACs to AGND. The VMON pin is a monitor
output that connects to the individual analog outputs,
the offset DAC, and the reference buffer outputs
through a multiplexer (mux).
The DAC8728 is pin-to-pin compatible with the
DAC8228 (14-bit) and the DAC7728 (12-bit).




Similar Part No. - DAC8728SPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8728SPAG TI-DAC8728SPAG Datasheet
1Mb / 52P
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728SPAGR TI-DAC8728SPAGR Datasheet
1Mb / 52P
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8728SPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7728 TI-DAC7728 Datasheet
1Mb / 54P
Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8228 TI1-DAC8228 Datasheet
1Mb / 55P
Octal, 14-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com