Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8734 Datasheet (PDF) - Texas Instruments

DAC8734 Datasheet PDF - Texas Instruments
Part # DAC8734
Download  DAC8734 Download
File Size   2064.52 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, 16-Bit, High-Accuracy, ±16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8734 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8734 Datasheet PDF - Texas Instruments

Part # DAC8734
Download  DAC8734 Click to download

File Size   2064.52 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, 16-Bit, High-Accuracy, ±16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8734 Datasheet (HTML) - Texas Instruments


DAC8734 Product details

1FEATURES
2345· Bipolar Output: Up to ±16V
· Unipolar Output: 0V to +20V
· 16-Bit Monotonic
· Relative Accuracy: 1 LSB Max
· Low Zero and Gain Errors
– Before User Calibration: 4 LSB
– After User Calibration:
0.125 LSB Zero Error, 1 LSB Gain Error
· Low Noise: 60nV/√Hz
· Settling Time: 6ms
· Configurable Gain: x2/x4
· Analog Output Monitor
· Power-Down Mode
· SPI™: Up to 50MHz, 1.8V/3V/5V Logic
· Daisy-Chain Mode
· Operating Temperature: –40°C to +105°C
· Packages: QFN-40 (6x6mm), TQFP-48 (7x7mm)

APPLICATIONS
· Automatic Test Equipment
· Instrumentation
· Industrial Process Control
· Communications

DESCRIPTION
The DAC8734 is a high-accuracy, quad-channel,
16-bit digital-to-analog converter (DAC) that operates
from supply voltages of ±5V to ±18V in bipolar output mode, and from ±5V to +24V/–12V in unipolar mode.
With a 5V reference, the DAC8734 can be configured
to output ±10V, ±5V, 0V to 20V, or 0V to 10V. The
DAC8734 provides 16-bit monotonicity, excellent
integral nonlinearity (INL) error of ±1 LSB, low glitch,
and low noise over the operating temperature range
of –40°C to +105°C. This device is trimmed in
production for very low zero and gain errors. In
addition, the DAC8734 implements a
user-programmable system-level calibration function
to achieve ±0.125 LSB zero error and ±1 LSB gain
error.
The DAC8734 has integrated reference buffers and
output buffers. It features a standard high-speed
1.8V, 3V, or 5V serial peripheral interface (SPI) that
operates at clock rates of up to 50MHz to
communicate with a DSP or microprocessor. The four
DAC channels and the auxiliary registers are
addressed with four address bits. The device features
double-buffered interface logic for simultaneous
updates of all DACs. An asynchronous load input
(LDAC) transfers data from the input data register to the DAC latch, and the contents of the DAC latch set
the output voltage. The asynchronous RST input sets
the output of all four DACs to 0V. The VMON pin is an
analog monitor output that multiplexes the individual
DAC outputs or the AIN pin.
The DAC8734 is pin-compatible with the DAC8234
(14-bit) and the DAC7716 (12-bit).




Similar Part No. - DAC8734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SPFB TI-DAC8734SPFB Datasheet
1Mb / 41P
Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SPFB TI-DAC8734SPFB Datasheet
1Mb / 41P
Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734SPFBR TI-DAC8734SPFBR Datasheet
1Mb / 41P
Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8734

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7716 TI-DAC7716 Datasheet
1Mb / 41P
Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com