Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8775IRWFT Datasheet (PDF) - Texas Instruments

DAC8775IRWFT Datasheet PDF - Texas Instruments
Part # DAC8775IRWFT
Download  DAC8775IRWFT Download
File Size   7687.81 Kbytes
Page   80 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8775 Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management

DAC8775IRWFT Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8775IRWFT Datasheet PDF - Texas Instruments

Part # DAC8775IRWFT
Download  DAC8775IRWFT Click to download

File Size   7687.81 Kbytes
Page   80 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8775 Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management

DAC8775IRWFT Datasheet (HTML) - Texas Instruments


DAC8775IRWFT Product details

1 Features
1• Output Current:
– 0 mA to 24 mA; 3.5 mA to 23.5 mA; 0 mA to
20 mA; 4 mA to 20 mA; ±24 mA
• Output Voltage (with/without 20% over-range):
– 0 V to 5 V; 0 V to 10 V; ±5 V; ±10 V
– 0 V to 6 V; 0 V to 12 V; ±6 V; ±12 V
• Adaptive Power Management
• Single Wide Power Supply Pin (12 V – 36 V )
• ±0.1% FSR Total Unadjusted Error (TUE)
• DNL: ±1 LSB Max
• Internal 5-V Reference (10 ppm/°C max)
• Internal 5-V Digital Power Supply Output
• CRC/Frame Error Check, Watchdog Timer
• Thermal Alarm, Open/Short Circuit for System
Reliability
• Safe Actions on Alarm Condition
• Auto Learn Load Detection
• Wide Temperature Range: –40°C to +125°C

2 Applications
• 4-mA to 20-mA Current Loops
• Analog Output Modules
• Programmable Logic Controllers (PLCs)
• Building Automation
• Sensor Transmitters
• Process Control

3 Description
The DAC8775 is a quad-channel precision, fully
integrated, 16-bit, digital-to-analog converter (DAC)
with adaptive power management, and is designed to
meet the requirements of industrial control
applications. The adaptive power management
circuit, when enabled, minimizes the power
dissipation of the chip. When programmed as a
current output, the supply voltage on the current
output driver is regulated between 4.5 V and 32 V
based on continuous feedback of voltage on the
current output pin via an integrated buck/boost
converter. When programmed as a voltage output,
this circuit generates a programmable supply voltage
for the voltage output stage (±15 V). DAC8775 also
contains an LDO to generate the digital supply (5 V)
from a single power supply pin.
DAC8775 is also implemented with a Highway
Addressable Remote Transducer (HART) Signal
Interface to superimpose an external HART signal on
the current output. The slew rate of the current output
DAC is register programmable. The device can
operate with a single external power supply of +12 V
to +36 V using the integrated buck/boost converters
or with external power supplies when the buck/boost
converters are disabled.




Similar Part No. - DAC8775IRWFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8775IRWFT TI1-DAC8775IRWFT Datasheet
7Mb / 81P
Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
More results


Similar Description - DAC8775IRWFT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC8775 TI1-DAC8775 Datasheet
7Mb / 81P
Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com