Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM Datasheet (PDF) - Mersen

ATM Datasheet PDF - Mersen
Part # ATM
Download  ATM Download
File Size   89.89 Kbytes
Page   1 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description MIDGET, PC MOUNT & MINIATURE FUSES

ATM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATM Datasheet PDF - Mersen

Part # ATM
Download  ATM Click to download

File Size   89.89 Kbytes
Page   1 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description MIDGET, PC MOUNT & MINIATURE FUSES

ATM Datasheet (HTML) - Mersen


ATM Product details

FEATURES/BENEFITS :
• For supplemental protection of small motors and transformers
• Extended ratings for special protection of capacitors and circuits
with high inrush currents
• 600VDC ratings for a wide variety of applications including
photovoltaic and solar applications.
• Can be used with UltraSafe™ fuse holders
• 1 1/2" x 13/32" (10mm x 38mm) dimensions




Similar Part No. - ATM

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ATM EATON-ATM Datasheet
796Kb / 2P
ATM blade fuses
logo
Mersen
ATM MERSEN-ATM Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
TOKYO KEISO CO.,LTD.
ATM KEISO-ATM Datasheet
121Kb / 2P
Averaging Temperature Sensor
Oct 2017
logo
List of Unclassifed Man...
ATM-0007 ETC2-ATM-0007 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
ATM-0018 ETC2-ATM-0018 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
More results


Similar Description - ATM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLF30 LITTELFUSE-BLF30 Datasheet
78Kb / 1P
Axial Lead and Cartridge Fuses - Midget
FLM LITTELFUSE-FLM Datasheet
35Kb / 1P
Axial Lead and Cartridge Fuses - Midget
FLQ LITTELFUSE-FLQ Datasheet
35Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLK LITTELFUSE-KLK Datasheet
39Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLKD LITTELFUSE-KLKD Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLQ LITTELFUSE-KLQ Datasheet
71Kb / 1P
Axial Lead and Cartridge Fuses - Midget
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Cooper Bussmann, Inc.
DCM-4 COOPER-DCM-4 Datasheet
233Kb / 1P
Midget Fuses, 600Vac/dc
logo
Littelfuse
65600001009 LITTELFUSE-65600001009 Datasheet
162Kb / 1P
PC Mount, 5x20mm Fuses
FLQ LITTELFUSE-FLQ_V01 Datasheet
780Kb / 5P
FLQ SERIES MIDGET (10x38mm) FUSES
Rev: 4-B-041217
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com