Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP022405DP.B Datasheet (PDF) - Texas Instruments

DCP022405DP.B Datasheet PDF - Texas Instruments
Part # DCP022405DP.B
Download  DCP022405DP.B Download
File Size   2219.55 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCP02 Series, 2-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules

DCP022405DP.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DCP022405DP.B Datasheet PDF - Texas Instruments

Part # DCP022405DP.B
Download  DCP022405DP.B Click to download

File Size   2219.55 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCP02 Series, 2-W, 1000-VRMS Isolated, Unregulated DC/DC Converter Modules

DCP022405DP.B Datasheet (HTML) - Texas Instruments


DCP022405DP.B Product details

1 Features
• 1-kV Isolation (operational): 1-second test
• Continuous voltage applied across isolation
barrier: 60 VDC / 42.5 VAC
• UL1950 recognized component
• EN55022 class B EMC performance
• 7-Pin PDIP and 12-pin SOP packages
• Input voltage: 5 V, 12 V, 15 V, or 24 V
• Output voltage: 3.3 V, ±5 V, 7 V, 9 V, ±12 V, or ±15
V
• Device-to-device synchronization
• Thermal protection
• Short-circuit protection
• High efficiency

2 Applications
• Signal path isolation
• Ground loop elimination
• Data acquisition
• Industrial control and instrumentation
• Test equipment

3 Description
The DCP02 series is a family of 2-W, isolated,
unregulated DC/DC converter modules. Requiring a
minimum of external components and including onchip
device protection, the DCP02 series of devices
provide extra features such as output disable and
synchronization of switching frequencies.
This combination of features and small size makes
the DCP02 series of devices suitable for a wide range
of applications, and is an easy-to-use solution in
applications requiring signal path isolation.




Similar Part No. - DCP022405DP.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP022405DP TI-DCP022405DP Datasheet
530Kb / 17P
Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022405DP TI-DCP022405DP Datasheet
733Kb / 20P
Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022405DP TI1-DCP022405DP Datasheet
598Kb / 17P
Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022405DP TI1-DCP022405DP Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
More results


Similar Description - DCP022405DP.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
1-W, Isolated, Unregulated DC/DC Converter Modules
DCR010503 TI1-DCR010503 Datasheet
778Kb / 28P
1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
Series 1-W, Isolated, Unregulated DC/DC Converter Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com