Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet (PDF) - STMicroelectronics

L9680 Datasheet PDF - STMicroelectronics
Part # L9680
Download  L9680 Download
File Size   4074.47 Kbytes
Page   286 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive advanced airbag for mid/high end applications and cut-off battery IC

L9680 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9680 Datasheet PDF - STMicroelectronics

Part # L9680
Download  L9680 Click to download

File Size   4074.47 Kbytes
Page   286 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive advanced airbag for mid/high end applications and cut-off battery IC

L9680 Datasheet (HTML) - STMicroelectronics


L9680 Product details

Features
 AEC-Q100 qualified
 Boost regulator for energy reserve
– 1.882 MHz operation, Iload = 70 mA max
– Output voltage user selectable, 23 V/ 33 V
±5%
– Capacitor value & ESR diagnostics
 Boost regulator for PSI-5 SYNC pulse
– 1.882 MHz operation,
– Output voltage, 12 V/14.75 V, user
configurable
 Buck regulator for remote sensor
– 1.882 MHz operation
– Output voltage, 7.2 V/9 V ±4%, user
configurable
 Buck regulator for micro controller unit
– 1.882 MHz operation
– Output voltage user selectable, 3.3 V or
5.0 V ±3%
 Integrated energy reserve crossover switch
– 3 Ω - 912 mA max
– Switch active output indicator
 Battery voltage monitor & shutdown control
with Wake-up control
 System voltage diagnostics with integrated
ADC
 Squib/pyroswitch deployment drivers
– 12-channel HSD/LSD
– 25 V max deployment voltage
– Various deployment profiles
– Current monitoring
– Rmeasure, STB, STG & Leakage
diagnostics
– High & low-side driver FET tests
 High-side safing switch regulator and enable
control
 Four-channel remote sensor interface
– PSI-5 satellite sensors
– Active wheel speed sensors
 Three-channel GPO, HSD or LSD
configurable, with PWM 0-100% control
 Nine-channel hall-effect, resistive or switch
sensor interface
 User customizable safing logic
 Specific disarm signal for passenger airbag
 Temporal and algorithmic Watchdog timers
 End of life disposal interface
 Temperature sensor
 32-bit SPI communications
 5.5 V minimum operating voltage at device
battery pin
 Operating temperature, -40 to 95 °C
 Packaging - 100 pins

Applications
 Mid/High end airbag systems
 Cut-off battery systems
 Pyro Fuse/Pyroswitch management




Similar Part No. - L9680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
More results


Similar Description - L9680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8889AP TOSHIBA-TA8889AP Datasheet
393Kb / 11P
RGB CUT OFF DRIVE CONTROL IC
logo
Texas Instruments
BQ2023 TI-BQ2023 Datasheet
330Kb / 27P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
logo
Seiko Instruments Inc
S-8235AAA-TCT1U SII-S-8235AAA-TCT1U Datasheet
1Mb / 24P
FOR AUTOMOTIVE BATTERY PROTECTION IC
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
Automotive battery cut-off circuit and airbag system expansion IC
08-Jul-2021
L9689E STMICROELECTRONICS-L9689E Datasheet
2Mb / 19P
Automotive 8 channels chip for advanced airbag applications
06-Sep-2022
L9690 STMICROELECTRONICS-L9690 Datasheet
1Mb / 24P
Automotive 12 channels chip for advanced airbag applications
September 2022 Rev 2
L9691 STMICROELECTRONICS-L9691 Datasheet
1Mb / 24P
Automotive 16 channels chip for advanced airbag applications
September 2022 Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com