Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951XP Datasheet (PDF) - STMicroelectronics

L9951XP Datasheet PDF - STMicroelectronics
Part # L9951XP
Download  L9951XP Download
File Size   394.56 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rear door actuator driver

L9951XP Datasheet (PDF)

Go To PDF Page Download Datasheet
L9951XP Datasheet PDF - STMicroelectronics

Part # L9951XP
Download  L9951XP Click to download

File Size   394.56 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rear door actuator driver

L9951XP Datasheet (HTML) - STMicroelectronics


L9951XP Product details

Features
■ One half bridge for 7.4 A load (Ron = 150 mΩ)
■ Two half bridges for 5 A load (Ron = 200 mΩ)
■ Two highside drivers for 1.25 A load
(Ron = 800 mΩ)
■ Programmable softstart function to drive loads
with higher inrush currents (i.e.current > 7.4A,
>5A, >1.25A)
■ Very low current consumption in standby mode
(IS < 3μA, typ. Tj ≤ 85°C)
■ All outputs short circuit protected
■ Current monitor output for all highside drivers
■ All outputs over temperature protected
■ Open-load diagnostic for all outputs
■ Overload diagnostic for all outputs
■ Programmable PWM control of all outputs
■ Charge pump output for reverse polarity
protection

Applications
■ Rear door actuator driver with bridges for door
lock and safe lock and two 5W or 10W - light
bulbs.




Similar Part No. - L9951XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9951XP STMICROELECTRONICS-L9951XP Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9951XP STMICROELECTRONICS-L9951XP Datasheet
1Mb / 22P
for car body applications
Oct-2013
L9951XPTR STMICROELECTRONICS-L9951XPTR Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
More results


Similar Description - L9951XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9951 STMICROELECTRONICS-L9951_10 Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com