Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet (PDF) - STMicroelectronics

STA326 Datasheet PDF - STMicroelectronics
Part # STA326_V01
Download  STA326 Download
File Size   1159.59 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system

STA326 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA326 Datasheet PDF - STMicroelectronics

Part # STA326_V01
Download  STA326 Click to download

File Size   1159.59 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system

STA326 Datasheet (HTML) - STMicroelectronics


STA326 Product details

Features
 Wide supply voltage range (10 V - 36 V)
 Three power output configurations
– 2 x 40 W + 1 x 80 W
– 2 x 80 W
– 1 x 160 W
 PowerSO-36 package (exposed pad up (EPU))
 2.1 channels of 24-bit DDX®
 100-dB SNR and dynamic range
 32 kHz to 192 kHz input sample rates
 Digital gain/attenuation +48 dB to -80 dB in
0.5-dB steps
 Four 28-bit user-programmable biquads (EQ)
per channel
 I2C control
 2-channel I2S input data interface
 Individual channel and master gain/attenuation
 Individual channel and master soft/hard mute
 Individual channel volume and EQ bypass
 Bass/treble tone control
 Dual independent programmable
limiters/compressors
 Automodes
– 32 preset EQ curves
– 15 preset crossover settings
– Auto volume-controlled loudness
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset nighttime listening mode
– Preset TV AGC
 Input and output channel mapping
 AM noise-reduction and PWM
frequency-shifting modes
 Software volume update and muting
 Auto zero detect and invalid input detect
muting
 Selectable DDX® ternary or binary PWM
output + variable PWM speeds
 Selectable de-emphasis
 Post-EQ user-programmable mix with default
2.1 bass-management settings
 Variable max power correction for lower fullpower
THD
 Four output routing configurations
 Selectable clock input ratio
 96 kHz internal processing sample rate, 24 to
28-bit precision
 Video application supports 576 * fs input mode




Similar Part No. - STA326_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA32613TR STMICROELECTRONICS-STA32613TR Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
More results


Similar Description - STA326_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com