Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333BW Datasheet (PDF) - STMicroelectronics

STA333BW Datasheet PDF - STMicroelectronics
Part # STA333BW
Download  STA333BW Download
File Size   1287.66 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1 channel 40 W high-efficiency digital audio system Sound Terminal

STA333BW Datasheet (PDF)

Go To PDF Page Download Datasheet
STA333BW Datasheet PDF - STMicroelectronics

Part # STA333BW
Download  STA333BW Click to download

File Size   1287.66 Kbytes
Page   68 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1 channel 40 W high-efficiency digital audio system Sound Terminal

STA333BW Datasheet (HTML) - STMicroelectronics


STA333BW Product details

Features
 Wide-range supply voltage, 4.5 V to 21.5 V
 Three power output configurations:
– 2 channels of ternary PWM (2 x 20 W into
8  at 18 V) + PWM output
– 2 channels of ternary PWM (2 x 20 W into
8  at 18 V) + ternary stereo line-out
– 2.1 channels of binary PWM (left, right,
LFE) (2 x 9 W into 4  +1 x 20 W into 8 
at 18 V)
 FFX with 100-dB SNR and dynamic range
 Scalable FFX modulation index
 Selectable 32- to 192-kHz input sample rates
 I²C control with selectable device address
 Digital gain/attenuation +48 dB to -80 dB with
0.5-dB/step resolution
 Soft volume update with programmable ratio
 Individual channel and master gain/attenuation
 Dynamic range compression (DRC) or
anticlipping mode
 Audio presets:
– 15 preset crossover filters
– 5 preset anticlipping modes
– Preset night-time listening mode
 Individual channel soft/hard mute
 Independent channel volume and DSP bypass
 I²S input data interface
 Input and output channel mapping
 Automatic invalid input-detect mute
 Up to 5 user-programmable biquads/channel
 Three coefficients banks for EQ presets storing
with fast recall via I²C interface
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 Sub channel mix into left and right channels
 Selectable high- or low-bandwidth
noise-shaping topologies
 Selectable clock input ratio
 96 kHz internal processing sample rate
 Thermal overload and short-circuit protection
technology
 Video apps: 576 x fS input mode supported
 Pin and SW compatible with STA335BW,
STA339BW, STA339BWS, STA559BW and
STA559BWS




Similar Part No. - STA333BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 68P
2.1-channel 40-watt high-efficiency digital audio system
18-Sep-2013
STA333BW STMICROELECTRONICS-STA333BW Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
1Mb / 68P
2.1-channel 40-watt high-efficiency digital audio system
18-Sep-2013
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
More results


Similar Description - STA333BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333BW STMICROELECTRONICS-STA333BW_11 Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
STA339BWS STMICROELECTRONICS-STA339BWS_11 Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Nov-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA339BWS13TR STMICROELECTRONICS-STA339BWS13TR Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
22-Nov-2011
STA369BWS STMICROELECTRONICS-STA369BWS_V01 Datasheet
1Mb / 92P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Sep-2014
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com