Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W13TR Datasheet (PDF) - STMicroelectronics

STA333W13TR Datasheet PDF - STMicroelectronics
Part # STA333W13TR
Download  STA333W13TR Download
File Size   761.14 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 channel high-efficiency digital audio system Sound Terminal

STA333W13TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STA333W13TR Datasheet PDF - STMicroelectronics

Part # STA333W13TR
Download  STA333W13TR Click to download

File Size   761.14 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 channel high-efficiency digital audio system Sound Terminal

STA333W13TR Datasheet (HTML) - STMicroelectronics


STA333W13TR Product details

Features
 Wide supply-voltage range (4.5 V - 20 V)
 2 power output configurations
– 2 channels of binary PWM (stereo mode)
– 2 channels of ternary PWM (stereo mode)
 PowerSSO-36 with exposed pad down
 2 channels of 24-bit DDX®
 100-dB SNR and dynamic range
 Selectable 32- to 192-kHz input sample rates
 I²C control with selectable device address
 Digital gain -80 dB to +48 dB in 0.5-dB steps
 Software volume update
 Individual channel and master gain/attenuation
 Individual channel and master software and
hardware mute
 Independent channel volume bypass
 Automatic zero-detect mute
 Automatic invalid input detect mute
 2-channel I²S input data Interface
 Selectable clock input ratio
 Input channel mapping
 Automatic volume control for limiting maximum
power
 96-kHz internal processing sample rate, 24-bit
precision
 Advanced AM interference frequency
switching and noise suppression modes
 Thermal-overload and short-circuit protection
embedded
 Video application: 576 * fS input mode support

Applications
 LCD
 DVD
 Cradle
 Digital speaker
 Wireless-speaker cradle




Similar Part No. - STA333W13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333W13TR STMICROELECTRONICS-STA333W13TR Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
More results


Similar Description - STA333W13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333ML STMICROELECTRONICS-STA333ML Datasheet
205Kb / 15P
Sound Terminal TM 2 channel microless high efficiency digital audio system
01-Feb-2007
STA333ML STMICROELECTRONICS-STA333ML_08 Datasheet
181Kb / 14P
Sound TerminaTM 2-channel microless high-efficiency digital audio system
02-May-2008
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
2-channel high-efficiency digital audio system Sound Terminal?
21-Jan-2010
STA335ML STMICROELECTRONICS-STA335ML Datasheet
1Mb / 20P
2-channel microless high-efficiency digital audio system Sound Terminal®
18-Jul-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com