Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335BWQS Datasheet (PDF) - STMicroelectronics

STA335BWQS Datasheet PDF - STMicroelectronics
Part # STA335BWQS
Download  STA335BWQS Download
File Size   1994.89 Kbytes
Page   72 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system with QSound QHD

STA335BWQS Datasheet (PDF)

Go To PDF Page Download Datasheet
STA335BWQS Datasheet PDF - STMicroelectronics

Part # STA335BWQS
Download  STA335BWQS Click to download

File Size   1994.89 Kbytes
Page   72 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system with QSound QHD

STA335BWQS Datasheet (HTML) - STMicroelectronics


STA335BWQS Product details

Features
■ „ Wide supply voltage range (4.5 V to 24 V) „
■ 3 power output configurations
■ 2 channels of ternary PWM (stereo mode) (2 x 20 W into 8 Ω at 18 V), (2 x 37 W into
■ 8 Ω at 24 V)
■ 3 channels - left, right using binary and LFE using ternary PWM (2.1 mode) (2 x 9 W + 1 x 20 W into 2 x 4 Ω, 1 x 8 Ω at 18 V)
■ 2 channels of ternary PWM (2 x 20 W) + stereo line-out ternary „ 2.1 channels of 24-bit DDX® „ 100-dB SNR and dynamic range „ Selectable 32 kHz to 192 kHz input sample rates „ I2C control with selectable device address „ Digital gain/attenuation +48 dB to -80 dB in 0.5-dB steps „ Soft volume update „ Individual channel and master gain/attenuation „ Dual independent limiters/compressors „ Dynamic range compression or anti-clipping modes „ AutoModes™ settings for:
■ 15 preset crossover filters
■ 2 preset anti-clipping modes
■ Preset night-time listening mode „ Individual channel and master soft and hard mute „ Independent channel volume and DSP bypass „ Automatic zero-detect mute „ Automatic invalid input detect mute „ 2-channel I2S input data interface „ Input and output channel mapping „ 4 x 28-bit user programmable biquads (EQ) per channel „ Bass/treble tone control „ DC blocking selectable high-pass filter „ Selectable de-emphasis „ Sub-channel mix into left and right channels „ Advanced AM interference frequency switching and noise-suppression modes „ Selectable high or low-bandwidth noise-shaping topologies „ Variable max power correction for lower full-power THD „ Selectable clock input ratio „ 96 kHz internal processing sample rate, 24 to 28-bit precision „




Similar Part No. - STA335BWQS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335BWQS STMICROELECTRONICS-STA335BWQS Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
15-May-2008
STA335BWQS13TR STMICROELECTRONICS-STA335BWQS13TR Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
15-May-2008
More results


Similar Description - STA335BWQS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323WQS STMICROELECTRONICS-STA323WQS Datasheet
1Mb / 78P
2.1-channel high-efficiency digital audio system with QSound QHD®
05-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA333BWQS STMICROELECTRONICS-STA333BWQS Datasheet
1Mb / 71P
2.1-channel high-efficiency digital audio system with QSound QHD
27-Mar-2008
STA335BWQS STMICROELECTRONICS-STA335BWQS Datasheet
1Mb / 72P
2.1-channel high-efficiency digital audio system with QSound QHD
15-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA335BWSQS STMICROELECTRONICS-STA335BWSQS Datasheet
1Mb / 70P
2.1-channel, high-efficiency digital audio system with QSound QHD®
05-Mar-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com