Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BWTR Datasheet (PDF) - STMicroelectronics

STA339BWTR Datasheet PDF - STMicroelectronics
Part # STA339BWTR
Download  STA339BWTR Download
File Size   1167.19 Kbytes
Page   78 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system

STA339BWTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STA339BWTR Datasheet PDF - STMicroelectronics

Part # STA339BWTR
Download  STA339BWTR Click to download

File Size   1167.19 Kbytes
Page   78 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system

STA339BWTR Datasheet (HTML) - STMicroelectronics


STA339BWTR Product details

Features
 Wide voltage supply range
– 5 V to 26 V (operating range)
– 30 V (absolute maximum rating)
 3 power output configurations
– 2 channels of ternary PWM (stereo mode)
(2 x 20 W into 8  at 18 V)
– 3 channels - left, right using binary and LFE
using ternary PWM (2.1 mode) (2 x 9 W +
1 x 20 W into 2 x 4, 1 x 8  at 18 V)
– 2 channels of ternary PWM (2 x 20 W) +
stereo lineout ternary
 2.1 channels of 24-bit FFX® 100 dB SNR and
dynamic range
 Selectable 32 to 192 kHz input sample rates
 I2C control with selectable device address
 Digital gain/attenuation +48 dB to -80 dB with
0.5 dB/step resolution
 Soft volume update with programmable ratio
 Individual channel and master gain/attenuation
 Two independent DRC configurable as a
dual-band anti-clipper (B2DRC) or as
independent limiters/compressors
 EQ-DRC for DRC based on filtered signals
 Dedicated LFE processing for bass boosting
with 0.5 dB/step resolution
 Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
 Individual channel and master soft/hard mute
 Independent channel volume and DSP bypass
 Automatic zero-detect mute
 Automatic invalid input-detect mute
 2-channel I2S input data interface
 Input and output channel mapping
 Up to 8 user-programmable biquads per
channel with 28-bit resolution
 3 coefficient banks for EQ presets storing with
fast recall via I2C interface
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 Selectable high- or low-bandwidth
noise-shaping topologies
 Variable max power correction for lower
full-power THD
 Selectable clock input ratio
 96 kHz internal processing sample rate, 24 to
28-bit precision
 Thermal overload and short-circuit protection
embedded
 Video apps: 576 * fS input mode supported
 Fully compatible with STA339BWS.




Similar Part No. - STA339BWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA339BWTR STMICROELECTRONICS-STA339BWTR Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
More results


Similar Description - STA339BWTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com