Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-200 Datasheet (PDF) - Elma Electronic Ltd

10-200 Datasheet PDF - Elma Electronic Ltd
Part # 10-200
Download  10-200 Download
File Size   166.28 Kbytes
Page   1 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description SLIMKIT 10 FTTX

10-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
10-200 Datasheet PDF - Elma Electronic Ltd

Part # 10-200
Download  10-200 Click to download

File Size   166.28 Kbytes
Page   1 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description SLIMKIT 10 FTTX

10-200 Datasheet (HTML) - Elma Electronic Ltd


10-200 Product details

›› Light construction
›› Installation in every 19" chassis or rack system
›› Variable depth thrue movable 19" angle bracket
›› Provided to hold splice trays or LWL-cable termination
›› Telescopic and tiltable pull-out tray
›› With cable storage
›› Option of cable fastening and entry prepared
›› Front resettable
MAIN FEATURES
Cable end distributor for fiber optic cables in the 19" |
1 U format. The customizable rack was specially designed
for the division of fiber optic cables. The pull-out drawer
allows a convenient maintenance of the cables and serves
as a generous storage space for the packaging of radii
of the glass fibers. Thanks customized expansion variants,
different plug connections and labels are possible.




Similar Part No. - 10-200

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
10-200RV-S ANAREN-10-200RV-S Datasheet
223Kb / 2P
Half Flange Resistors 10 Watts
More results


Similar Description - 10-200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
TFLPF15533296533 BOOKHAM-TFLPF15533296533 Datasheet
147Kb / 3P
FTTx Filter Chips
CB1SLU321553329 BOOKHAM-CB1SLU321553329 Datasheet
262Kb / 4P
PON Filter for FTTx 1310/1490/1550nm
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
FTTX 1310/1490/1550 WDM
logo
M/A-COM Technology Solu...
MAAM-007796 MA-COM-MAAM-007796 Datasheet
157Kb / 4P
Low Noise FTTx Amplifier
MAAM-010239-V1 MA-COM-MAAM-010239-V1 Datasheet
239Kb / 4P
Low Noise FTTx Amplifier
MAAM-008863-V3 MA-COM-MAAM-008863-V3 Datasheet
327Kb / 8P
FTTx RF Amplifier
MAAM-008863 MA-COM-MAAM-008863_15 Datasheet
327Kb / 8P
FTTx RF Amplifier
MAAM-010239 MA-COM-MAAM-010239_15 Datasheet
900Kb / 5P
Low Noise FTTx Amplifier
MAAM-007796 MA-COM-MAAM-007796_15 Datasheet
730Kb / 5P
Low Noise FTTx Amplifier
logo
Skyworks Solutions Inc.
ACA2604 SKYWORKS-ACA2604 Datasheet
1Mb / 16P
870 MHz FTTx RF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com