Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS16 Datasheet (PDF) - RAMXEED LIMITED

MB85RS16 Datasheet PDF - RAMXEED LIMITED
Part # MB85RS16
Download  MB85RS16 Download
File Size   1861.01 Kbytes
Page   28 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 16 K (2 K X 8) Bit SPI

MB85RS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS16 Datasheet PDF - RAMXEED LIMITED

Part # MB85RS16
Download  MB85RS16 Click to download

File Size   1861.01 Kbytes
Page   28 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 16 K (2 K X 8) Bit SPI

MB85RS16 Datasheet (HTML) - RAMXEED LIMITED


MB85RS16 Product details

DESCRIPTION
MB85RS16 is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 2,048 words 
8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the nonvolatile
memory cells.
MB85RS16 adopts the Serial Peripheral Interface (SPI).
The MB85RS16 is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS16 can be used for 1012 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS16 does not take long time to write data like Flash memories or E2PROM, and MB85RS16 takes
no wait time.
FEATURES
• Bit configuration : 2,048 words  8 bits
• Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency : 20 MHz (Max)
• High endurance : 1 trillion Read/Writes per byte
• Data retention : 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption : Operating power supply current 1.5 mA (Typ@20 MHz)
Standby current 5 A (Typ)
• Operation ambient temperature range :  40 C to +85 C
• Package : 8-pin plastic SOP
RoHS compliant




Similar Part No. - MB85RS16

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS16 FUJITSU-MB85RS16 Datasheet
299Kb / 32P
16 K (2 K횞8) ?볝긿?늆PI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
logo
RAMXEED LIMITED
MB85RS16N RAMXEED-MB85RS16N Datasheet
2Mb / 37P
16 K (2 K x 8) Bit SPI
logo
fujitsu semiconductor
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
More results


Similar Description - MB85RS16

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
Memory FRAM 128 K (16 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
logo
fujitsu semiconductor
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
16 K (2 K 횞 8) Bit I2C
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com