Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8837C Datasheet (PDF) - Texas Instruments

DRV8837C Datasheet PDF - Texas Instruments
Part # DRV8837C
Download  DRV8837C Download
File Size   1386.59 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8837C 1-A Low-Voltage H-Bridge Driver

DRV8837C Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8837C Datasheet PDF - Texas Instruments

Part # DRV8837C
Download  DRV8837C Click to download

File Size   1386.59 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8837C 1-A Low-Voltage H-Bridge Driver

DRV8837C Datasheet (HTML) - Texas Instruments


DRV8837C Product details

1 Features
1• H-Bridge Motor Driver
– Drives a DC Motor or Other Loads
– Low MOSFET On-Resistance: HS + LS 1 Ω
• 1-A Maximum Drive Current
• 0- to 11-V Operating Supply-Voltage Range
• Standard PWM Interface (IN1/IN2)
• Low-Power Sleep Mode With 120-nA Maximum
Sleep Current
– nSLEEP pin
• Small Package and Footprint
– 8 WSON (With Thermal Pad)
– 2.0 × 2.0 mm
• Protection Features
– VCC Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)

2 Applications
• Cameras
• DSLR Lenses
• Consumer Products
• Toys
• Robotics
• Medical Devices

3 Description
The DRV8837C device provides an integrated motor
driver solution for cameras, consumer products, toys,
and other low-voltage or battery-powered motion
control applications. The device can drive one DC
motor or other devices like solenoids. The output
driver block consists of N-channel power MOSFETs
configured as an H-bridge to drive the motor winding.
An internal charge pump generates needed gate
drive voltages.
The DRV8837C device can supply up to 1 A of output
current. The device operates on a motor power
supply voltage from 0 to 11 V, and control logic can
operate on 1.8-V to 5-V rails.
The DRV8837C device has a PWM (IN/IN) input
interface.
Internal shutdown functions are provided for
overcurrent protection, short circuit protection,
undervoltage lockout, and overtemperature.




Similar Part No. - DRV8837C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
DRV8837C TI-DRV8837C Datasheet
3Mb / 56P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837C TI1-DRV8837C Datasheet
3Mb / 61P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8837C TI2-DRV8837C Datasheet
4Mb / 51P
DRV8210 11-V H-Bridge Motor Driver with PWM, PH/EN, and Half-Bridge Control Interfaces and Low-Power Sleep Mode
REVISED AUGUST 2021
DRV8837C TI2-DRV8837C Datasheet
2Mb / 34P
DRV8212P 11-V H-Bridge Motor Driver with PWM Interface and Low-Power Sleep Mode
REVISED JULY 2021
More results


Similar Description - DRV8837C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Texas Instruments
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
DRV8837 TI1-DRV8837_14 Datasheet
964Kb / 26P
Low-Voltage H-Bridge Driver
DRV8313 TI1-DRV8313_15 Datasheet
1Mb / 37P
2.5-A Triple 1/2-H Bridge Driver
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
Low-Voltage H-Bridge Driver
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
Low voltage H-bridge driver chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com