Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8843 Datasheet (PDF) - Texas Instruments

DRV8843 Datasheet PDF - Texas Instruments
Part # DRV8843
Download  DRV8843 Download
File Size   1537.84 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8843 Dual H-Bridge Driver

DRV8843 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8843 Datasheet PDF - Texas Instruments

Part # DRV8843
Download  DRV8843 Click to download

File Size   1537.84 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8843 Dual H-Bridge Driver

DRV8843 Datasheet (HTML) - Texas Instruments


DRV8843 Product details

1 Features
1• Dual H-Bridge Motor Driver
– Single/Dual Brushed DC
– Stepper
• IN/IN Control Interface
• Optional Fixed Frequency Current Regulation
– Two Bit Current control Allows Up to Four
Current Levels
• Low MOSFET On-Resistance
– 2.5-A Maximum Drive Current at 24 V
and TA = 25°C
– Combined 400 mΩ RDS(ON) of High-Side and
Low-Side at 24 V and TA = 25°C
• 8.2-V to 45-V Operating Supply Voltage Range
• Low Current Sleep Mode
• Built-In 3.3-V Reference Output
• Thermally Enhanced Surface Mount Package
• Protection Features
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Undervoltage Lockout (UVLO)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Printers
• Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8843 provides an integrated dual H-bridge
motor driver solution for printers, scanners, and other automated equipment applications. The device can
be used to drive one or two brushed DC motors, a
bipolar stepper motor, or other loads. A simple PWM
interface allows easy interfacing to controller circuits.
The output driver block consists of N-channel power
MOSFETs configured as H-bridges. The DRV8843 an
supply up to 2.5-A peak or 1.75-A RMS output
current (with proper heat sinking at 24 V and
TA = 25°C) per H-bridge.
A low-power sleep mode is provided which shuts
down internal circuitry to achieve very low quiescent
current draw. This sleep mode can be set using a
dedicated nSLEEP pin.
Internal protection features are provided for
overtemperature, overcurrent, and undervoltage.
Fault conditions are indicated by a nFAULT pin.




Similar Part No. - DRV8843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8843 TI-DRV8843 Datasheet
621Kb / 19P
DUAL H-BRIDGE DRIVER IC
DRV8843PWP TI-DRV8843PWP Datasheet
621Kb / 19P
DUAL H-BRIDGE DRIVER IC
DRV8843PWP TI1-DRV8843PWP Datasheet
1Mb / 28P
Dual H-Bridge Driver
DRV8843PWPR TI-DRV8843PWPR Datasheet
621Kb / 19P
DUAL H-BRIDGE DRIVER IC
DRV8843PWPR TI1-DRV8843PWPR Datasheet
1Mb / 28P
Dual H-Bridge Driver
More results


Similar Description - DRV8843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
1A Dual H-Bridge Driver
October, 2007 - Rev. 1
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com