Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8844PWPR.B Datasheet (PDF) - Texas Instruments

DRV8844PWPR.B Datasheet PDF - Texas Instruments
Part # DRV8844PWPR.B
Download  DRV8844PWPR.B Download
File Size   1394.66 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8844 Quad Half-Bridge Driver IC

DRV8844PWPR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8844PWPR.B Datasheet PDF - Texas Instruments

Part # DRV8844PWPR.B
Download  DRV8844PWPR.B Click to download

File Size   1394.66 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8844 Quad Half-Bridge Driver IC

DRV8844PWPR.B Datasheet (HTML) - Texas Instruments


DRV8844PWPR.B Product details

1 Features
• Quad 1/2-H-Bridge DC Motor Driver
– Can Drive Four Solenoids, Two DC Motors,
One Stepper Motor, or Other Loads
– Full Individual Half Bridge Control
– Low MOSFET On-Resistance
• 2.5A Maximum Drive Current at 24V, 25°C
• Floating Input Buffers Allow Dual (Bipolar)
Supplies (up to ±30V)
• Built-In 3.3V, 10mA LDO Regulator
• Industry Standard IN/IN Digital Control Interface
• 8V to 60V Operating Supply Voltage Range
• Outputs Can Be Connected in Parallel
• Thermally Enhanced Surface Mount Package

2 Applications
• Textile Machines
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8844 provides four individually controllable
1/2-H-bridge drivers. The device can be used to drive
two DC motors, one stepper motor, four solenoids,
or other loads. The output driver channel for each
channel consists of N-channel power MOSFET’s
configured in a 1/2-H-bridge configuration.
The DRV8844 can supply up to 2.5A peak or 1.75A
RMS output current per channel (with proper PCB
heatsinking at 24V and 25°C) per H-bridge.
Separate inputs to independently control each 1/2-
H-bridge are provided. To allow operation with split
supplies, the logic inputs and nFAULT output are
referenced to a separate floating ground pin.
Internal shutdown functions are provided for
over current protection, short circuit protection,
undervoltage lockout, and overtemperature.
The DRV8844 is available in a 28-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8844PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8844PWPR.B TI2-DRV8844PWPR.B Datasheet
1Mb / 27P
DRV8844 Quad ½-H-Bridge Driver IC
REVISED MAY 2016
More results


Similar Description - DRV8844PWPR.B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
logo
Texas Instruments
DRV8844 TI-DRV8844_15 Datasheet
1Mb / 25P
DRV8844 Quad 쩍-H-Bridge Driver IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com