Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS160PR410 Datasheet (PDF) - Texas Instruments

DS160PR410 Datasheet PDF - Texas Instruments
Part # DS160PR410
Download  DS160PR410 Download
File Size   1661.75 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS160PR410 Quad Channel PCI Express 4.0 Linear Redriver

DS160PR410 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS160PR410 Datasheet PDF - Texas Instruments

Part # DS160PR410
Download  DS160PR410 Click to download

File Size   1661.75 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS160PR410 Quad Channel PCI Express 4.0 Linear Redriver

DS160PR410 Datasheet (HTML) - Texas Instruments


DS160PR410 Product details

1 Features
1• Quad-channel linear equalizer supporting PCIe
1.0/2.0/3.0/4.0 up to 16 Gbps interfaces
• CTLE boosts up to 18 dB at 8 GHz helps to
extend channel reach
• Automatic receiver detection for PCIe use cases
• Protocol agnostic linear redriver allows seamless
support for PCIe link training
• Supports data rates up to 25 Gbps including Ultra
Path Interconnect (UPI)
• Ultra-low latency of 70 ps (typical)
• Low additive random jitter of 60 fs (typical) with
PRBS data
• Single 3.3 V supply
• Low active power of 124 mW/channel (typical) -
no heat sink required
• Pin-strap, SMBus or EEPROM programming
• Support for x2, x4, x8, x16 PCIe bus width with
one or multiple DS160PR410
• Industrial temperature range of –40ºC to 85ºC
• 4.0 mm × 6.0 mm, 40 pin WQFN package

2 Applications
• Rack server
• Microserver & tower server
• High performance computing
• Network attached storage
• Storage area network (SAN) & host bus adapter
(HBA) card
• Hardware accelerator
• Network interface card (NIC)
• Desktop PC/motherboard

3 Description
The DS160PR410 is a four channel low-power highperformance
linear repeater/redriver designed to
support PCI Express (PCIe) Generation 1.0, 2.0, 3.0
and 4.0. The device is a protocol agnostic linear
redriver that can operate for interfaces up to 25 Gbps
including Ultra Path Interface (UPI) 2.0.
The DS160PR410 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces. The CTLE receiver is
followed by a linear output driver. The linear
datapaths of DS160PR410 preserve transmit preset
signal characteristics. The linear redriver becomes
part of the passive channel that as a whole get link
trained for best transmit and receive equalization
settings. This transparency in the link training protocol
result in best electrical link and lowest possible
latency. The programmable equalization of the device
along with its linear datapaths maximizes the
flexibility of physical placement within the
interconnect channel and improves overall channel
performance.
The programmable settings can be applied easily
through software (SMBus or I2C), direct loading from
an external EEPROM, or by using pin control. In
EEPROM mode, the configurations are automatically
loaded on power up, eliminating the need for an
external microprocessor or software driver.




Similar Part No. - DS160PR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
828Kb / 30P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI2-DS160PR410 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
DS160PR410-Q1 TI2-DS160PR410-Q1 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
DS160PR410RGFRQ1 TI2-DS160PR410RGFRQ1 Datasheet
3Mb / 37P
DS160PR410-Q1 PCIe® 4.0 Automotive 4-Channel Linear Redriver
SEPTEMBER 2025
More results


Similar Description - DS160PR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410_V01 Datasheet
828Kb / 30P
DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
SN75LVPE4410 TI1-SN75LVPE4410 Datasheet
1Mb / 29P
SN75LVPE4410 Quad-Channel PCI Express 4.0 Linear Redriver
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
logo
Diodes Incorporated
PI3EQX12908A2 DIODES-PI3EQX12908A2 Datasheet
1Mb / 26P
8-channel PCI Express Gen 3, 10GbE, SATA3 ReDriver??with Linear Equalization
November 2017 Rev 1-2
logo
Texas Instruments
SN75LVPE3410 TI1-SN75LVPE3410 Datasheet
1Mb / 29P
SN75LVPE3410 Quad-Channel PCI-Express 3.0 Linear Redriver
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com