Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8881EPWPR.A Datasheet (PDF) - Texas Instruments

DRV8881EPWPR.A Datasheet PDF - Texas Instruments
Part # DRV8881EPWPR.A
Download  DRV8881EPWPR.A Download
File Size   2200.29 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8881 2.5-A Dual H-Bridge Motor Driver

DRV8881EPWPR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8881EPWPR.A Datasheet PDF - Texas Instruments

Part # DRV8881EPWPR.A
Download  DRV8881EPWPR.A Click to download

File Size   2200.29 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8881 2.5-A Dual H-Bridge Motor Driver

DRV8881EPWPR.A Datasheet (HTML) - Texas Instruments


DRV8881EPWPR.A Product details

1 Features
1• Dual H-Bridge Motor Driver
– Bipolar Stepper Motor Driver
– Single or Dual Brushed-DC Motor Driver
• 6.5- to 45-V Operating Supply Voltage Range
• Two Control Interface Options
– PHASE/ENABLE (DRV8881E)
– PWM (DRV8881P)
• Multiple Decay Modes to Support Any Motor
– Smart tune (DRV8881E Only)
– Mixed Decay
– Slow Decay
– Fast Decay
• Adaptive Blanking Time for Smooth Motion
• Parallel Mode Operation (DRV8881P Only)
• Configurable Off-Time PWM Chopping
– 10, 20, or 30 μs Off-Time
• 3.3-V, 10-mA LDO Regulator
• Low-Current Sleep Mode (28 μA)
• Small Package and Footprint
– 28 HTSSOP (PowerPAD)
– 28 WQFN (PowerPAD)
SPACE
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Charge Pump Undervoltage (CPUV)
– Overcurrent Protection (OCP)
– Automatic OCP Retry
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Automatic Teller and Money Handling Machines
• Video Security Cameras
• Multi-Function Printers and Document Scanners
• Factory Automation and Robotics
• Stage Lighting Equipment

3 Description
The DRV8881 is a bipolar stepper or brushed-DC
motor driver for industrial applications. The device
output stage consists of two N-channel power
MOSFET H-bridge drivers. The DRV8881 is capable
of driving up to 2.5-A peak current or 1.4-A rms
current per H-bridge (with proper PCB ground plane
for thermal dissipation and at 24 V and TA = 25°C).
Smart tune automatically tunes motors for optimal
current regulation performance and compensates for
motor variation and aging effects. Smart tune is
available on the DRV8881E. Additionally, slow, fast,
and mixed decay modes are available.
The PH/EN (DRV8881E) or PWM (DRV8881P) pins
provide a simple control interface. An internal sense
amplifier allows for adjustable current control. A lowpower
sleep mode is provided for very-low quiescent
current standby using a dedicated nSLEEP pin.
Internal protection functions are provided for
undervoltage, charge pump faults, overcurrent, shortcircuits,
and overtemperature. Fault conditions are
indicated by a nFAULT pin.




Similar Part No. - DRV8881EPWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881EPWPR TI1-DRV8881EPWPR Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
More results


Similar Description - DRV8881EPWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com