Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C387 Datasheet (PDF) - Texas Instruments

DS90C387 Datasheet PDF - Texas Instruments
Part # DS90C387
Download  DS90C387 Download
File Size   1209.85 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C387, DS90CF388 Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA

DS90C387 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C387 Datasheet PDF - Texas Instruments

Part # DS90C387
Download  DS90C387 Click to download

File Size   1209.85 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C387, DS90CF388 Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA

DS90C387 Datasheet (HTML) - Texas Instruments


DS90C387 Product details

1FEATURES
2• Complies with OpenLDI Specification for
Digital Display Interfaces
• 32.5 to 112/170MHz Clock Support for
DS90C387, 40 to 112MHz Clock Support for
DS90CF388
• Supports SVGA through QXGA Panel userResolutions
• Drives Long, Low Cost Cables
• Up to 5.38Gbps Bandwidth
• Pre-Emphasis Reduces Cable Loading Effects
• DC Balance Data Transmission Provided by
Transmitter Reduces ISI Distortion
• Cable Deskew of +/−1 LVDS Data Bit Time (up
to 80 MHz Clock Rate) of Pair-to-Pair Skew at FPDReceiver
Inputs; Intra-Pair Skew Tolerance of
300ps
• Dual Pixel Architecture Supports Interface to
GUI and Timing Controller; Optional Single
Pixel Transmitter Inputs Support Single Pixel
GUI Interface
• Transmitter Rejects Cycle-to-Cycle Jitter
• 5V Tolerant on Data and Control Input Pins
• Programmable Transmitter Data and Control
Strobe Select (Rising or Falling Edge Strobe)
• Backward Compatible Configuration Select eyewith
FPD-Link
• Optional Second LVDS Clock for Backward
Compatibility w/ FPD-Link
• Support for Two Additional User-Defined
Control Signals in DC Balanced Mode
• Compatible with ANSI/TIA/EIA-644-1995 LVDS
Standard

DESCRIPTION
The DS90C387/DS90CF388 transmitter/receiver pair
is designed to support dual pixel data transmission
between Host and Flat Panel Display up to QXGA
resolutions. The transmitter converts 48 bits (Dual
Pixel 24-bit color) of CMOS/TTL data into 8 LVDS
(Low Voltage Differential Signalling) data streams.
Control signals (VSYNC, HSYNC, DE and two userResolutions
defined signals) are sent during blanking intervals. At
a maximum dual pixel rate of 112MHz, LVDS data
line speed is 672Mbps, providing a total throughput of
5.38Gbps (672 Megabytes per second). Two other
modes are also supported. 24-bit color data (single
pixel) can be clocked into the transmitter at a maximum rate of 170MHz. In this mode, the
transmitter provides single-to-dual pixel conversion,
and the output LVDS clock rate is 85MHz maximum.
The third mode provides inter-operability with FPDReceiver
Link devices.
The LDI chipset is improved over prior generations of
FPD-Link devices and offers higher bandwidth
support and longer cable drive with three areas of
enhancement. To increase bandwidth, the maximum
pixel clock rate is increased to 112 (170) MHz and 8
serialized LVDS outputs are provided. Cable drive is enhanced with a user selectable pre-emphasis
feature that provides additional output current during
transitions to counteract cable loading effects. DC
balancing on a cycle-to-cycle basis, is also provided
to reduce ISI (Inter-Symbol Interference). With pre- emphasis and DC balancing, a low distortion eyewith
pattern is provided at the receiver end of the cable. A
cable deskew capability has been added to deskew
long cables of pair-to-pair skew of up to +/−1 LVDS
data bit time (up to 80 MHz Clock Rate). These three
enhancements allow cables 5+ meters in length to be
driven. This chipset is an ideal means to solve EMI
and cable size problems for high-resolution flat panel
applications. It provides a reliable interface based on
LVDS technology that delivers the bandwidth needed
for high-resolution panels while maximizing bit times,
and keeping clock rates low to reduce EMI and
shielding requirements. For more details, please refer
to Applications Information.




Similar Part No. - DS90C387

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
DS90C387 NSC-DS90C387 Datasheet
910Kb / 26P
Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Texas Instruments
DS90C387 TI2-DS90C387 Datasheet
1Mb / 34P
DS90C387, DS90CF388 Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
REVISED APRIL 2013
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
More results


Similar Description - DS90C387

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
DS90C2501 NSC-DS90C2501 Datasheet
650Kb / 48P
Transmitter with built-in scaler for LVDS Display Interface (LDI)
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com