Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9637AQML Datasheet (PDF) - Texas Instruments

DS9637AQML Datasheet PDF - Texas Instruments
Part # DS9637AQML
Download  DS9637AQML Download
File Size   318.25 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS9637A Dual Differential Line Receiver

DS9637AQML Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9637AQML Datasheet PDF - Texas Instruments

Part # DS9637AQML
Download  DS9637AQML Click to download

File Size   318.25 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS9637A Dual Differential Line Receiver

DS9637AQML Datasheet (HTML) - Texas Instruments


DS9637AQML Product details

1FEATURES
2• Dual Channel
• Single 5V Supply
• Satisfies EIA Standards RS-422 and RS423
• Built-in ±35 mV Hysteresis
• High Input Common Mode Voltage Range
• High Input impedance
• TTL Compatible Outputs
• Schottky Technology
• Extended Temperature Range

DESCRIPTION
The DS9637A is a Schottky dual differential line
receiver which has been specifically designed to
satisfy the requirements of EIA Standards RS-422
and RS-423. In addition, the DS9637A satisfies the
requirements of MIL-STD 188-114 and is compatible
with the International Standard CCITT recommendations. The DS9637A is suitable for use
as a line receiver in digital data systems, using either
single ended or differential, unipolar or bipolar
transmission. It requires a single 5V power supply
and has Schottky TTL compatible outputs. The
DS9637A has an operational input common mode
range of ±7V either differentially or to ground.




Similar Part No. - DS9637AQML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS9637AQML TI1-DS9637AQML Datasheet
184Kb / 7P
Dual Differential Line Receiver
More results


Similar Description - DS9637AQML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
SN75146 TI-SN75146 Datasheet
108Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A Datasheet
184Kb / 7P
DS9637A Dual Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com