Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD204 Datasheet (PDF) - Texas Instruments

ESD204 Datasheet PDF - Texas Instruments
Part # ESD204
Download  ESD204 Download
File Size   1537.73 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD204 4-Channel Low-Capacitance Surge and ESD Protection Diode

ESD204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD204 Datasheet PDF - Texas Instruments

Part # ESD204
Download  ESD204 Click to download

File Size   1537.73 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD204 4-Channel Low-Capacitance Surge and ESD Protection Diode

ESD204 Datasheet (HTML) - Texas Instruments


ESD204 Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±30-kV Contact Discharge
– ±30-kV Air Gap Discharge
• IEC 61000-4-4 EFT Protection
– 80 A (5/50 ns)
• IEC 61000-4-5 Surge Protection
– 5.5 A (8/20 μs)
– Low Surge Clamping Voltage
8.5 V at 5.5 A IPP
• IO Capacitance:
– 0.55 pF (Typical)
• HDMI 2.0 Compliant
• DC Breakdown Voltage: 5.5 V (Minimum)
• Ultra Low Leakage Current: 10 nA (Maximum)
• Supports High Speed Interfaces up to 6 Gbps
• Industrial Temperature Range: –40°C to +125°C
• Easy Flow-Through Routing Package

2 Applications
• End Equipment
– IP Network Camera
– DVR and NVR
– Ethernet Switches and Routers
– Laptops and Desktops
– Set-Top Boxes
– TV and Monitors
– Mobile and Tablets
• Interfaces
– HDMI 2.0
– HDMI 1.4
– USB 3.0
– Display Port 1.3
– PCI Express 3.0
– Ethernet 10/100/1000 Mbps

3 Description
The ESD204 is a bidirectional TVS ESD protection
diode array for HDMI and USB surge protection up to
5.5 A (8/20 μs). The ESD204 is rated to dissipate
ESD strikes at the maximum level specified in the
IEC 61000-4-2 international standard (Level 4).
The low clamping and high differential bandwidth
provided by ESD204 enables the device to cleanly
pass high speed signals while providing robust
protection to downstream devices. This device has a
low capacitance of 0.55-pF per channel making it
suitable for protecting high-speed interfaces up to 6
Gbps such as HDMI 2.0, HDMI 1.4, USB 3.0 and
Ethernet 1G. The low dynamic resistance and low
clamping voltage ensure system level protection
against transient events.
The ESD204 is offered in the industry standard
USON-10 (DQA) package. The package features
flow-through routing and 0.5-mm pin pitch easing
implementation and reducing design time.




Similar Part No. - ESD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD204 TI1-ESD204 Datasheet
289Kb / 13P
4-Channel Low-Capacitance Surge and ESD Protection Diode
logo
Infineon Technologies A...
ESD204-B1-02 INFINEON-ESD204-B1-02 Datasheet
1Mb / 12P
TVS Diodes Transient Voltage Suppressor Diodes
Revision 1.2, 2013-05-17
ESD204-B1-02EL INFINEON-ESD204-B1-02EL Datasheet
1Mb / 12P
Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
ESD204-B1-02EL INFINEON-ESD204-B1-02EL Datasheet
1Mb / 12P
TVS Diodes Transient Voltage Suppressor Diodes
Revision 1.2, 2013-05-17
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
More results


Similar Description - ESD204

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
Low Capacitance Diode Array for ESD and Surge Protection
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
Low Capacitance TVS for ESD and Surge Protection
logo
HY ELECTRONIC CORP.
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
4 Channel Low Capacitance ESD Protection Diode Array
HYESD0524A6 HY-HYESD0524A6 Datasheet
386Kb / 4P
4 Channel Low Capacitance ESD Protection Diode Array
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
4 Channel Low Capacitance ESD Protection Diode Array
logo
Semtech Corporation
RCLAMP0524PQ SEMTECH-RCLAMP0524PQ Datasheet
585Kb / 10P
Low Capacitance RailClamp 4-Line Surge and ESD Protection
RCLAMP3324P SEMTECH-RCLAMP3324P Datasheet
1Mb / 8P
Low Capacitance RailClamp 4-Line Surge and ESD Protection
logo
Infineon Technologies A...
ESD300-B1-02LRH INFINEON-ESD300-B1-02LRH Datasheet
529Kb / 13P
Low Clamping & Low Capacitance ESD/Surge Protection Diode
Revision 1.2, 2013-11-26
logo
Texas Instruments
ESD204 TI1-ESD204 Datasheet
289Kb / 13P
4-Channel Low-Capacitance Surge and ESD Protection Diode
logo
AiT Semiconductor Inc.
AZC399 AITSEMI-AZC399 Datasheet
398Kb / 6P
ESD PROTECTION DIODE 4-CHANNEL LOW CAPACITANCE ARRAY
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com