Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD351DPYR Datasheet (PDF) - Texas Instruments

ESD351DPYR Datasheet PDF - Texas Instruments
Part # ESD351DPYR
Download  ESD351DPYR Download
File Size   1022.33 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package

ESD351DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD351DPYR Datasheet PDF - Texas Instruments

Part # ESD351DPYR
Download  ESD351DPYR Click to download

File Size   1022.33 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package

ESD351DPYR Datasheet (HTML) - Texas Instruments


ESD351DPYR Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±30-kV Contact Discharge
– ±30-kV Air Gap Discharge
• IEC 61000-4-4 EFT Protection
– 80 A (5/50 ns)
• IEC 61000-4-5 Surge Protection
– 6 A (8/20 μs)
• IO Capacitance: 1.8 pF (Typical)
• DC Breakdown Voltage: 4.5 V (Minimum)
• Low Leakage Current: 0.1 nA (Typical)
• Extremely Low ESD Clamping Voltage
– 6.5 V at 16-A TLP (I/O Pin to GND)
– RDYN: 0.1 Ω (I/O Pin to GND)
• Industrial Temperature Range: –40°C to +125°C
• Industry Standard 0402 Package (DFN1006P2)

2 Applications
• End Equipment
– Wearables
– Industrial and Service Robots
– Laptops and Desktops
– Mobile and Tablets
– Set-Top Boxes
– DVR and NVR
– TV and Monitors
– EPOS (Electronic Point of Sale)
• Interfaces
– USB 2.0/1.1
– GPIO
– Pushbuttons
– Audio

3 Description
The ESD351 is a uni-directional TVS ESD protection
diode featuring low dynamic resistance RDYN and low
clamping voltage. The ESD351 is rated to dissipate
ESD strikes up to 30 kV (Contact and Air) level per
the IEC 61000-4-2 standard. The ultra-low dynamic
resistance (0.1 Ω) and extremely low clamping
voltage (6.5 V at 16-A TLP) ensure system level
protection against transient events. This device has a
capacitance of 1.8 pF (typical) making it ideal for
protecting interfaces such as USB 2.0.
The ESD351 is offered in the industry standard 0402
(DPY/DFN1006P2) package.




Similar Part No. - ESD351DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD351DPYR TI1-ESD351DPYR Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD351DPYR TI2-ESD351DPYR Datasheet
1,021Kb / 20P
ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
JULY 2018
ESD351DPYR.B TI2-ESD351DPYR.B Datasheet
1,021Kb / 20P
ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
JULY 2018
ESD351DPYRG4.B TI2-ESD351DPYRG4.B Datasheet
1,021Kb / 20P
ESD351 1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
JULY 2018
More results


Similar Description - ESD351DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
Single-Channel ESD Protection Diode in 0402 Package
TPD1E1B04 TI1-TPD1E1B04 Datasheet
250Kb / 17P
1-Channel ESD Protection Diode with Low R(DYN) and Low Clamping Voltage
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD321 TI-ESD321_V01 Datasheet
1Mb / 25P
ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com