Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS3411 Datasheet (PDF) - Texas Instruments

HD3SS3411 Datasheet PDF - Texas Instruments
Part # HD3SS3411
Download  HD3SS3411 Download
File Size   1542.08 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS3411 One Channel Differential 2:1 Mux/Demux

HD3SS3411 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS3411 Datasheet PDF - Texas Instruments

Part # HD3SS3411
Download  HD3SS3411 Click to download

File Size   1542.08 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS3411 One Channel Differential 2:1 Mux/Demux

HD3SS3411 Datasheet (HTML) - Texas Instruments


HD3SS3411 Product details

1 Features
1• Compatible with Multiple Interface Standards
Including FPD Link, LVDS, PCIE Gen II, III, XAUI,
and USB3.1
• Operates up to 10 Gbps
• Wide –3 dB Differential BW of ~ 7.5 GHz
• Excellent Dynamic Characteristics (at 4 GHz)
– Insertion Loss = -1.1 dB
– Return Loss = -11.3 dB
– Off Isolation = –19 dB
• Bidirectional "Mux/De-Mux" Differential Switch
• Supports Common Mode Voltage 0 V to 2 V
• Single Supply Voltage VCC of 3.3 V ±10%
• Industrial Temperature Range of -40°C to 105°C

2 Applications
• Industrial Data Switching
• Desktop and Notebook PCs
• Server/Storage Area Networks
• PCI Express Backplanes
• Shared I/O Ports

3 Description
The HD3SS3411 is a high-speed bi-directional
passive switch in multiplexer or demultiplexer
configurations. Based on control pin SEL, the device provides switching of differential channels between
Port B to Port A or Port C to Port A.
The HD3SS3411 is a generic analog differential
passive switch that can work for any high speed
interface application as long as it is biased at a
common mode voltage range of 0 V to 2 V and has differential signaling with differential amplitude up to
1800 mVpp. The device employs adaptive tracking
that ensures the channel remains unchanged for
entire common mode voltage range.
Excellent dynamic characteristics of the device allow
high speed switching with minimum attenuation to the
signal eye diagram with little added jitter. It consumes
< 2 mW of power when operational and has a shutdown mode exercisable by OEn pin resulting
< 2 μW.




Similar Part No. - HD3SS3411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3411I TI1-HD3SS3411I Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3411IRWAR TI1-HD3SS3411IRWAR Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
More results


Similar Description - HD3SS3411

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com