Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC3020 Datasheet (PDF) - Texas Instruments

HDC3020 Datasheet PDF - Texas Instruments
Part # HDC3020
Download  HDC3020 Download
File Size   1975.55 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC3120 High-Accuracy (1%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response

HDC3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC3020 Datasheet PDF - Texas Instruments

Part # HDC3020
Download  HDC3020 Click to download

File Size   1975.55 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC3120 High-Accuracy (1%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response

HDC3020 Datasheet (HTML) - Texas Instruments


HDC3020 Product details

1 Features
• Relative humidity (RH) sensor:
– Operating range: 0% to 100%RH
– Accuracy: ±1%RH typical
– Long-term drift: 0.19%RH/yr
– Ratiometric Output: 10.0% to 90.0%VDD
• Temperature sensor:
– Operating range: –40°C to 125°C
– Accuracy: ±0.2°C typical
– Ratiometric Output: 12.3% to 87.7%VDD
• NIST traceability
• Output Short Circuit Protection
• Integrated heater
• High capacitive load drive up to 47nF
• Low power: 250μA typical active current
• Supply voltage: 1.62V to 5.50V

2 Applications
• Major Appliances:
– Dishwasher
– Washer & Dryer
– Refrigerator & Freezer
• Energy Infrastructure:
– Battery Energy Storage Systems
– Remote Power Distribution Automation
• HVAC
• Telecom power systems
• Printers
• Small Home appliances

3 Description
The HDC3120 is an integrated, capacitive based
relative humidity (RH) and temperature sensor
where the relative humidity and temperature sensor
results are represented as ratiometric analog output.
Conversion of signals to the analog domain provides
a robust design for applications requiring signal
transmission over wire or other distance-based
use cases. The device provides high accuracy
measurements over a wide supply range (1.62V –
5.5V) and low power consumption while maintaining
less than 0.19% long term drift per year. The
HDC3120 is available in a compact 2.5mm × 2.5mm
× 0.8mm WSON 8-pin package. Both the temperature
and humidity sensors are 100% tested and calibrated
on a production setup that is NIST traceable and
verified with equipment that is calibrated to ISO/IEC
17025 standards.




Similar Part No. - HDC3020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
HDC3020 TI-HDC3020 Datasheet
1Mb / 46P
HDC3020-Q1 Automotive High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
HDC3020 TI-HDC3020 Datasheet
2Mb / 52P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED AUGUST 2022
HDC3020 TI-HDC3020 Datasheet
2Mb / 51P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED MARCH 2023
HDC3020-Q1 TI-HDC3020-Q1 Datasheet
1Mb / 51P
HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Similar Description - HDC3020

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
445814 EXTECH-445814 Datasheet
55Kb / 1P
Humidity Indicator with Dew Point and Programmable Hi/Lo %RH Alarms
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
Extech Instruments Corp...
445580 EXTECH-445580_15 Datasheet
320Kb / 1P
RH/Temperature Pen
logo
Adels-Contact
729002 ADELS-729002 Datasheet
115Kb / 1P
DR 14 RH
7290113 ADELS-7290113 Datasheet
120Kb / 1P
DR 16 RH
logo
TE Connectivity Ltd
HTU31D TEC-HTU31D Datasheet
691Kb / 19P
HTU31D RH/T SENSOR IC Digital Relative Humidity sensor with Temperature output
HTU31 TEC-HTU31 Datasheet
2Mb / 32P
RH/T SENSOR IC
logo
Texas Instruments
HDC3020-Q1 TI-HDC3020-Q1_V01 Datasheet
2Mb / 52P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED AUGUST 2022
HDC3020-Q1 TI-HDC3020-Q1_V02 Datasheet
2Mb / 51P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED MARCH 2023
logo
Vaisala
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
DL2000 Temperature and RH Data Logger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com