Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC2010 Datasheet (PDF) - Texas Instruments

HDC2010 Datasheet PDF - Texas Instruments
Part # HDC2010
Download  HDC2010 Download
File Size   1975.55 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC3120 High-Accuracy (1%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response

HDC2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC2010 Datasheet PDF - Texas Instruments

Part # HDC2010
Download  HDC2010 Click to download

File Size   1975.55 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC3120 High-Accuracy (1%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response

HDC2010 Datasheet (HTML) - Texas Instruments


HDC2010 Product details

1 Features
• Relative humidity (RH) sensor:
– Operating range: 0% to 100%RH
– Accuracy: ±1%RH typical
– Long-term drift: 0.19%RH/yr
– Ratiometric Output: 10.0% to 90.0%VDD
• Temperature sensor:
– Operating range: –40°C to 125°C
– Accuracy: ±0.2°C typical
– Ratiometric Output: 12.3% to 87.7%VDD
• NIST traceability
• Output Short Circuit Protection
• Integrated heater
• High capacitive load drive up to 47nF
• Low power: 250μA typical active current
• Supply voltage: 1.62V to 5.50V

2 Applications
• Major Appliances:
– Dishwasher
– Washer & Dryer
– Refrigerator & Freezer
• Energy Infrastructure:
– Battery Energy Storage Systems
– Remote Power Distribution Automation
• HVAC
• Telecom power systems
• Printers
• Small Home appliances

3 Description
The HDC3120 is an integrated, capacitive based
relative humidity (RH) and temperature sensor
where the relative humidity and temperature sensor
results are represented as ratiometric analog output.
Conversion of signals to the analog domain provides
a robust design for applications requiring signal
transmission over wire or other distance-based
use cases. The device provides high accuracy
measurements over a wide supply range (1.62V –
5.5V) and low power consumption while maintaining
less than 0.19% long term drift per year. The
HDC3120 is available in a compact 2.5mm × 2.5mm
× 0.8mm WSON 8-pin package. Both the temperature
and humidity sensors are 100% tested and calibrated
on a production setup that is NIST traceable and
verified with equipment that is calibrated to ISO/IEC
17025 standards.




Similar Part No. - HDC2010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
Low Power Humidity and Temperature Digital Sensors
HDC2010 TI-HDC2010 Datasheet
1Mb / 36P
HDC3120 High-Accuracy (0.5%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response
FEBRUARY 2025
HDC2010 TI-HDC2010 Datasheet
1Mb / 37P
HDC3120-Q1 Automotive High-Accuracy (0.5%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response
FEBRUARY 2025
HDC2010 TI2-HDC2010 Datasheet
1Mb / 41P
HDC2010 Low-Power Humidity and Temperature Digital Sensors
REVISED FEBRUARY 2021
HDC2010YPAR TI1-HDC2010YPAR Datasheet
683Kb / 34P
Low Power Humidity and Temperature Digital Sensors
More results


Similar Description - HDC2010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
445814 EXTECH-445814 Datasheet
55Kb / 1P
Humidity Indicator with Dew Point and Programmable Hi/Lo %RH Alarms
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
Extech Instruments Corp...
445580 EXTECH-445580_15 Datasheet
320Kb / 1P
RH/Temperature Pen
logo
Adels-Contact
729002 ADELS-729002 Datasheet
115Kb / 1P
DR 14 RH
7290113 ADELS-7290113 Datasheet
120Kb / 1P
DR 16 RH
logo
TE Connectivity Ltd
HTU31D TEC-HTU31D Datasheet
691Kb / 19P
HTU31D RH/T SENSOR IC Digital Relative Humidity sensor with Temperature output
HTU31 TEC-HTU31 Datasheet
2Mb / 32P
RH/T SENSOR IC
logo
Texas Instruments
HDC3020-Q1 TI-HDC3020-Q1_V01 Datasheet
2Mb / 52P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED AUGUST 2022
HDC3020-Q1 TI-HDC3020-Q1_V02 Datasheet
2Mb / 51P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED MARCH 2023
logo
Vaisala
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
DL2000 Temperature and RH Data Logger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com