Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC1080 Datasheet (PDF) - Texas Instruments

HDC1080 Datasheet PDF - Texas Instruments
Part # HDC1080
Download  HDC1080 Download
File Size   1975.55 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC3120 High-Accuracy (1%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response

HDC1080 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC1080 Datasheet PDF - Texas Instruments

Part # HDC1080
Download  HDC1080 Click to download

File Size   1975.55 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC3120 High-Accuracy (1%RH, 0.2°C) Analog Humidity and Temperature Sensor, With Low Long-Term Drift (0.19%RH/yr), and 4s RH% Response

HDC1080 Datasheet (HTML) - Texas Instruments


HDC1080 Product details

1 Features
• Relative humidity (RH) sensor:
– Operating range: 0% to 100%RH
– Accuracy: ±1%RH typical
– Long-term drift: 0.19%RH/yr
– Ratiometric Output: 10.0% to 90.0%VDD
• Temperature sensor:
– Operating range: –40°C to 125°C
– Accuracy: ±0.2°C typical
– Ratiometric Output: 12.3% to 87.7%VDD
• NIST traceability
• Output Short Circuit Protection
• Integrated heater
• High capacitive load drive up to 47nF
• Low power: 250μA typical active current
• Supply voltage: 1.62V to 5.50V

2 Applications
• Major Appliances:
– Dishwasher
– Washer & Dryer
– Refrigerator & Freezer
• Energy Infrastructure:
– Battery Energy Storage Systems
– Remote Power Distribution Automation
• HVAC
• Telecom power systems
• Printers
• Small Home appliances

3 Description
The HDC3120 is an integrated, capacitive based
relative humidity (RH) and temperature sensor
where the relative humidity and temperature sensor
results are represented as ratiometric analog output.
Conversion of signals to the analog domain provides
a robust design for applications requiring signal
transmission over wire or other distance-based
use cases. The device provides high accuracy
measurements over a wide supply range (1.62V –
5.5V) and low power consumption while maintaining
less than 0.19% long term drift per year. The
HDC3120 is available in a compact 2.5mm × 2.5mm
× 0.8mm WSON 8-pin package. Both the temperature
and humidity sensors are 100% tested and calibrated
on a production setup that is NIST traceable and
verified with equipment that is calibrated to ISO/IEC
17025 standards.




Similar Part No. - HDC1080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI2-HDC1080 Datasheet
756Kb / 29P
HDC1080 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
REVISED JANUARY 2016
HDC1080DMBR TI1-HDC1080DMBR Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080DMBR TI2-HDC1080DMBR Datasheet
756Kb / 29P
HDC1080 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
REVISED JANUARY 2016
HDC1080DMBR.A TI2-HDC1080DMBR.A Datasheet
756Kb / 29P
HDC1080 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
REVISED JANUARY 2016
More results


Similar Description - HDC1080

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
445814 EXTECH-445814 Datasheet
55Kb / 1P
Humidity Indicator with Dew Point and Programmable Hi/Lo %RH Alarms
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
logo
Extech Instruments Corp...
445580 EXTECH-445580_15 Datasheet
320Kb / 1P
RH/Temperature Pen
logo
Adels-Contact
729002 ADELS-729002 Datasheet
115Kb / 1P
DR 14 RH
7290113 ADELS-7290113 Datasheet
120Kb / 1P
DR 16 RH
logo
TE Connectivity Ltd
HTU31D TEC-HTU31D Datasheet
691Kb / 19P
HTU31D RH/T SENSOR IC Digital Relative Humidity sensor with Temperature output
HTU31 TEC-HTU31 Datasheet
2Mb / 32P
RH/T SENSOR IC
logo
Texas Instruments
HDC3020-Q1 TI-HDC3020-Q1_V01 Datasheet
2Mb / 52P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED AUGUST 2022
HDC3020-Q1 TI-HDC3020-Q1_V02 Datasheet
2Mb / 51P
HDC302x-Q1 Automotive 0.5%RH Digital Relative Humidity Sensor, 0.19%RH/yr Long Term Drift, 4s Response, Offset Error Correction, 0.1°C Temperature Sensor
REVISED MARCH 2023
logo
Vaisala
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
DL2000 Temperature and RH Data Logger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com